Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPA35JUD Datasheet(PDF) 2 Page - Vitec Power

Part # ILPA35JUD
Description  35W Dimmable Water-Proof Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA35JUD Datasheet(HTML) 2 Page - Vitec Power

  ILPA35JUD Datasheet HTML 1Page - Vitec Power ILPA35JUD Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Humidity: 10% RH to 100% RH
-35
55
°C
Storage Temperature
Humidity: 5% RH to 100% RH
-40
85
°C
MTBF
(Operation temperature at 25°C, calculated per MIL-HDBK-217F )
0.541M
Hours
Life Time (measured at 110VAC, 45°C ambient temperature, 80% load
for 2900mA output model)
0.087M
Hours
No output power derating from -35°C to 55°C
Approvals and Compliance
Parameter
Standards
EMI
EN55015
EMS
EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4-3 , EN61000-4-4, , EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-11, EN61547
Safety UL/c-UL, CE
UL8750 Compliant to UL1310 Class 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1,
CSA-C22.2 No.250.0, EN61347-1,EN61347-2-13
Waterproof
IP67 Rating
Mechanical
Parameter
Specification
Dimension,
172x34.5x42.5mm (6.77x1.36x1.67 inches)
Net Weight
480g
Dimming Control
Parameter
Min.
Typ.
Max.
Unit
10V Output Voltage
9.8
10V
10.2
VDC
10V Output Source Current
-10
-
2
mA
Absolute Max. Voltage on the 1~10V Input Pin
-2
-
15
VDC
Source Current on 0-10V Input Pin
0
-
1
mA
The dimmer control may be operated from either a potentiometer or from an input signal of 0 ~ 10 Vdc. Two recommended implementations are provided
above
Notes:
1.
For the driver to operate properly, the load voltage must
be maintained above the minimum voltage threshold
(approx. 33% of the max. output voltage for any given
model).
2.
If the input voltage is within 90-175Vac, the output current
can be varied from 100% down to 10%. (Refer to right
figure A)
3.
If the input voltage is within 175-305Vac, the output
current can be varied from 100% down to 20%. (Refer to
right figure B)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com