Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30H90 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBR30H90
Description  High-Voltage Dual Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR30H90 Datasheet(HTML) 2 Page - Vishay Siliconix

  MBR30H90 Datasheet HTML 1Page - Vishay Siliconix MBR30H90 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBR30H90PT & MBR30H100PT
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88678
2
02-Jul-02
Ratings and
Characteristic Curves
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
10
100
10
0.1
0.01
1.0
1
0.1
10
100
1000
10000
0.01
Fig. 2 – Typical Instantaneous
Forward Characteristics Per Leg
1
10
100
1000
100
1000
10000
0.1
10
Fig. 4 – Typical Junction Capacitance
Per Leg
Reverse Voltage (V)
20
100
40
60
80
Fig. 3 – Typical Reverse
Characteristics Per Leg
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
TJ = 150°C
100°C
125°C
25°C
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
Fig. 1 – Forward Derating Curve
Case Temperature (°C)
TJ = 175°C
150°C
125°C
100°C
25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com