Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR40250 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR40250
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250 Datasheet(HTML) 2 Page - ON Semiconductor

  MBR40250 Datasheet HTML 1Page - ON Semiconductor MBR40250 Datasheet HTML 2Page - ON Semiconductor MBR40250 Datasheet HTML 3Page - ON Semiconductor MBR40250 Datasheet HTML 4Page - ON Semiconductor MBR40250 Datasheet HTML 5Page - ON Semiconductor MBR40250 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR40250
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Average Rectified Forward Current
(Rated VR) TC = 125°C
IF(AV)
45
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz TC = 90°C)
IFRM
80
A
Storage Temperature
Tstg
*65 to +175
°C
Operating Junction Temperature
TJ
*65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
2.0
60
°C/W
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
IF = 40 A, TC = 25°C
IF = 40 A, TC = 150°C
VF
1.0
0.9
V
Maximum Instantaneous Reverse Current (Note 1)
Rated DC Voltage, TC = 25°C
Rated DC Voltage, TC = 150°C
IR
1.0
50
mA
DYNAMIC CHARACTERISTICS
Capacitance
VF = −5.0 V, TC = 25°C, Frequency = 1.0 MHz
CT
500
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com