Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILPA100VU Datasheet(PDF) 2 Page - Vitec Power

Part # ILPA100VU
Description  100W Water-Proof Constant Voltage LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA100VU Datasheet(HTML) 2 Page - Vitec Power

  ILPA100VU Datasheet HTML 1Page - Vitec Power ILPA100VU Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
-35
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.439M
Hours
Life Time at 25°C ambient temperature
0.193M
Hours
No output power derating from -35°C to 60°C
Approvals and Compliance
Parameter
Standards
EMI
EN55015
EMS
EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4.3, , EN61000-4-4, , EN61000-4-5, EN61000-4-6,
EN61000-4-8, EN61000-4-1-1, EN61547
Safety UL/c-UL, T-mark, CE
UL8750 Compliant to UL1310 Class 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1, CSA-C22.2
No.250.0, EN61347-1,EN61347-2-13
Waterproof
IP67 Rating
Mechanical
Parameter
Specification
Dimension, Net Weight
184x67.5x37mm (7.24x2.66x1.46 inches), 950g
approx.
Input Electric Wire
650mm, Black(ACL), White(ACN), Green(GND)
Output Electric Wire
220mm, Red(V+), Black(V-)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com