Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH184FN103CK Datasheet(PDF) 1 Page - Rohm

Part # MCH184FN103CK
Description  1608(0603)Size chip capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH184FN103CK Datasheet(HTML) 1 Page - Rohm

  MCH184FN103CK Datasheet HTML 1Page - Rohm MCH184FN103CK Datasheet HTML 2Page - Rohm MCH184FN103CK Datasheet HTML 3Page - Rohm MCH184FN103CK Datasheet HTML 4Page - Rohm MCH184FN103CK Datasheet HTML 5Page - Rohm MCH184FN103CK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)0R5C
∗
MCH185A
(AN)R75C
∗
MCH185A
(AN)010C
∗
MCH185A
(AN)1R1C
∗
MCH185A
(AN)1R2C
∗
MCH185A
(AN)1R3C
∗
MCH185A
(AN)1R5C
∗
MCH185A
(AN)1R6C
∗
MCH185A
(AN)1R8C
∗
MCH185A
(AN)020C
∗
MCH185A
(AN)2R2C
∗
MCH185A
(AN)2R4C
∗
MCH185A
(AN)2R7C
∗
MCH185A
(AN)030C
∗
MCH185A
(AN)3R3C
∗
MCH185A
(AN)3R6C
∗
MCH185A
(AN)3R9C
∗
MCH185A
(AN)040C
∗
MCH185A
(AN)4R3C
∗
MCH185A
(AN)4R7C
∗
MCH185A
(AN)050C
∗
MCH185A
(AN)5R1D
∗
MCH185A
(AN)5R6D
∗
MCH185A
(AN)060D
∗
MCH185A
(AN)6R2D
∗
MCH185A
(AN)6R8D
∗
MCH185A
(AN)070D
∗
MCH185A
(AN)7R5D
∗
MCH185A
(AN)080D
∗
MCH185A
(AN)8R2D
∗
MCH185A
(AN)090D
∗
MCH185A
(AN)9R1D
∗
MCH185A
(AN)100D
∗
MCH185A
(AN)110J
∗
MCH185A
(AN)120J
∗
MCH185A
(AN)130J
∗
MCH185A
(AN)150J
∗
MCH185A
(AN)160J
∗
MCH185A
(AN)180J
∗
MCH185A
(AN)200J
∗
0.5
0.75
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.0
4.3
4.7
5.0
5.1
5.6
6
6.2
6.8
7
7.5
8
8.2
9
9.1
10
11
12
13
15
16
18
20
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185CN221K
∗
MCH185CN331K
∗
MCH185CN471K
∗
MCH185CN681K
∗
MCH185CN102K
∗
MCH185CN152K
∗
MCH185CN222K
∗
MCH185CN332K
∗
MCH185CN472K
∗
MCH185CN682K
∗
MCH185CN103K
∗
MCH185CN153K
∗
MCH185CN223K
∗
25V
Product No.
CN
(R)
(B)
(X7R)Characteristic
MCH182CN333K
∗
MCH182CN473K
∗
MCH182CN683K
∗
MCH182CN104K
∗
CN
(X5R)Characteristic
10V
Product No.
MCH184CN154K
∗
MCH184CN224K
∗
MCH184CN334K
∗
MCH184CN474K
∗
MCH184CN684K
∗
MCH184CN105K
∗
K
(±10%)
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185FN102Z
∗
MCH185FN222Z
∗
MCH185FN472Z
∗
MCH185FN103Z
∗
MCH185FN223Z
∗
MCH185FN473Z
∗
MCH185FN104Z
∗
25V
Product No.
FN
(F)
(Y5V)Characteristic
MCH182FN104Z
∗
16V
Product No.
MCH183FN224Z
∗
10V
Product No.
MCH184FN474Z
∗
MCH184FN105Z
∗
Z
(+80%,−20%)
1,000
2,200
4,700
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)220J
∗
MCH185A
(AN)240J
∗
MCH185A
(AN)270J
∗
MCH185A
(AN)300J
∗
MCH185A
(AN)330J
∗
MCH185A
(AN)360J
∗
MCH185A
(AN)390J
∗
MCH185A
(AN)430J
∗
MCH185A
(AN)470J
∗
MCH185A
(AN)510J
∗
MCH185A
(AN)560J
∗
MCH185A
(AN)620J
∗
MCH185A
(AN)680J
∗
MCH185A
(AN)750J
∗
MCH185A
(AN)820J
∗
MCH185A
(AN)910J
∗
MCH185A
(AN)101J
∗
MCH185A
(AN)111J
∗
MCH185A
(AN)121J
∗
MCH185A
(AN)131J
∗
MCH185A
(AN)151J
∗
MCH185A
(AN)161J
∗
MCH185A
(AN)181J
∗
MCH185A
(AN)201J
∗
MCH185A
(AN)221J
∗
MCH185A
(AN)241J
∗
MCH185A
(AN)271J
∗
MCH185A
(AN)301J
∗
MCH185A
(AN)331J
∗
MCH185A
(AN)361J
∗
MCH185A
(AN)391J
∗
MCH185A
(AN)431J
∗
MCH185A
(AN)471J
∗
MCH185A
(AN)511J
∗
MCH185A
(AN)561J
∗
MCH185A
(AN)621J
∗
MCH185A
(AN)681J
∗
MCH185A
(AN)751J
∗
MCH185A
(AN)821J
∗
MCH185A
(AN)102J
∗
J
(±5%)
0.8
±0.1
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
1,000
C
(±0.25pF)
D
(±0.5pF)
J
(±5%)
0.8
±0.1
0.8
±0.1
0.8
±0.1
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
1608(0603)Size chip capacitors : MCH18
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
Miniture, light weight
Achieved high capacitance by thin and multi layer technology
Lead-free plating terminal
No polarity
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
●
●
●
●
Range of thermal compensation capacitors
Thermal compensation capacitors
Range of high dielectric constant capacitors
High dielectric constant capacitors
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.8
± 0.1
0.5
∼820、1,000
〈11pF 以上〉:J( ± 5%),〈0.5 ∼ 5pF〉:C( ± 0.25pF),〈5.1 ∼ 10pF〉:D( ± 0.5pF)
E24
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
0.8
± 0.1
Z
(+80%,−20%)
E3
50V
1,000
∼100,000
25V
100,000
16V
220,000
10V
470,000
∼1,000,000
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
50V
220
∼22,000
CN(X5R)Characteristic
10V
150,000
∼1,000,000
CN
(R)
(B)
(X7R)Characteristic
25V
0.8
± 0.1
33,000
∼100,000
K
(±10%)
E6
Packing style code
K
, L, C
MCH18
0.15Min.
0.4Min.
1.6
±0.1
0.8
±0.1
Rated voltage
Part No.
M C H 1
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
8
2
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 3
Code
K
L
C
Prduct thickness
0.8mm
0.8mm
0.8mm
Packing specification
Paper tape(width 8mm, pitch 4mm)
Paper tape(width 8mm, pitch 4mm)
Bulk case
Reel
φ180mm(7in.)
φ330mm(13in.)
―
Basic ordering unit(pcs.)
4,000
16,000
15,000
Z K
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5∼5pF)
±0.5pF(5.1∼10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
N
Reel(φ180,φ330mm):compatible with EIAJ ET-7200A
Bulk case:compatible with EIAJ ET-7201A
×2
3-digit
designation
accordijg
to IEC
Nominal
capacitance
∗ : Packaging Code
∗ : Packaging Code
∗ : Packaging Code


Similar Part No. - MCH184FN103CK

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH18 ROHM-MCH18 Datasheet
132Kb / 10P
Multi-layer ceramic chip capacitors
MCH182A104CC ROHM-MCH182A104CC Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH182A104CK ROHM-MCH182A104CK Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
MCH182A104CL ROHM-MCH182A104CL Datasheet
132Kb / 6P
Multi-layer ceramic chip capacitors
More results

Similar Description - MCH184FN103CK

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Kingbright Corporation
APT1608XXX KINGBRIGHT-APT1608XXX Datasheet
214Kb / 1P
SUPER THIN SMD CHIP LED 1608(0603)
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
Temperature Sensor and Compensation 0603 (1608) Size
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608060LW8Q1C WALSIN-RFDIP1608060LW8Q1C Datasheet
455Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFDIP1608070G4T WALSIN-RFDIP1608070G4T Datasheet
219Kb / 3P
LTCC Multi Layer Ceramic Diplexer- 1608 (0603) size
RFLPF1608060ABT WALSIN-RFLPF1608060ABT Datasheet
400Kb / 2P
LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060FM1T73 WALSIN-RFLPF1608060FM1T73 Datasheet
287Kb / 3P
LTCC Multi Layer Ceramic Low Pass Filter- 0603 (1608) size
RFLPF1608060Y5T WALSIN-RFLPF1608060Y5T Datasheet
287Kb / 2P
LTCC Multi Layer Ceramic Low Pass Filter- 1608 (0603) size
logo
Rohm
CSL1104WBX ROHM-CSL1104WBX Datasheet
962Kb / 11P
1608 (0603) size, compact and high intensity reflector type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com