Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH185FN103CK Datasheet(PDF) 2 Page - Rohm

Part # MCH185FN103CK
Description  1608(0603)Size chip capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH185FN103CK Datasheet(HTML) 2 Page - Rohm

  MCH185FN103CK Datasheet HTML 1Page - Rohm MCH185FN103CK Datasheet HTML 2Page - Rohm MCH185FN103CK Datasheet HTML 3Page - Rohm MCH185FN103CK Datasheet HTML 4Page - Rohm MCH185FN103CK Datasheet HTML 5Page - Rohm MCH185FN103CK Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)0R5C
∗
MCH185A
(AN)R75C
∗
MCH185A
(AN)010C
∗
MCH185A
(AN)1R1C
∗
MCH185A
(AN)1R2C
∗
MCH185A
(AN)1R3C
∗
MCH185A
(AN)1R5C
∗
MCH185A
(AN)1R6C
∗
MCH185A
(AN)1R8C
∗
MCH185A
(AN)020C
∗
MCH185A
(AN)2R2C
∗
MCH185A
(AN)2R4C
∗
MCH185A
(AN)2R7C
∗
MCH185A
(AN)030C
∗
MCH185A
(AN)3R3C
∗
MCH185A
(AN)3R6C
∗
MCH185A
(AN)3R9C
∗
MCH185A
(AN)040C
∗
MCH185A
(AN)4R3C
∗
MCH185A
(AN)4R7C
∗
MCH185A
(AN)050C
∗
MCH185A
(AN)5R1D
∗
MCH185A
(AN)5R6D
∗
MCH185A
(AN)060D
∗
MCH185A
(AN)6R2D
∗
MCH185A
(AN)6R8D
∗
MCH185A
(AN)070D
∗
MCH185A
(AN)7R5D
∗
MCH185A
(AN)080D
∗
MCH185A
(AN)8R2D
∗
MCH185A
(AN)090D
∗
MCH185A
(AN)9R1D
∗
MCH185A
(AN)100D
∗
MCH185A
(AN)110J
∗
MCH185A
(AN)120J
∗
MCH185A
(AN)130J
∗
MCH185A
(AN)150J
∗
MCH185A
(AN)160J
∗
MCH185A
(AN)180J
∗
MCH185A
(AN)200J
∗
0.5
0.75
1.0
1.1
1.2
1.3
1.5
1.6
1.8
2.0
2.2
2.4
2.7
3.0
3.3
3.6
3.9
4.0
4.3
4.7
5.0
5.1
5.6
6
6.2
6.8
7
7.5
8
8.2
9
9.1
10
11
12
13
15
16
18
20
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185CN221K
∗
MCH185CN331K
∗
MCH185CN471K
∗
MCH185CN681K
∗
MCH185CN102K
∗
MCH185CN152K
∗
MCH185CN222K
∗
MCH185CN332K
∗
MCH185CN472K
∗
MCH185CN682K
∗
MCH185CN103K
∗
MCH185CN153K
∗
MCH185CN223K
∗
25V
Product No.
CN
(R)
(B)
(X7R)Characteristic
MCH182CN333K
∗
MCH182CN473K
∗
MCH182CN683K
∗
MCH182CN104K
∗
CN
(X5R)Characteristic
10V
Product No.
MCH184CN154K
∗
MCH184CN224K
∗
MCH184CN334K
∗
MCH184CN474K
∗
MCH184CN684K
∗
MCH184CN105K
∗
K
(±10%)
220
330
470
680
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
33,000
47,000
68,000
100,000
150,000
220,000
330,000
470,000
680,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
50V
Product No.
MCH185FN102Z
∗
MCH185FN222Z
∗
MCH185FN472Z
∗
MCH185FN103Z
∗
MCH185FN223Z
∗
MCH185FN473Z
∗
MCH185FN104Z
∗
25V
Product No.
FN
(F)
(Y5V)Characteristic
MCH182FN104Z
∗
16V
Product No.
MCH183FN224Z
∗
10V
Product No.
MCH184FN474Z
∗
MCH184FN105Z
∗
Z
(+80%,−20%)
1,000
2,200
4,700
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
Temperature
Rated voltage(V)
Capacitance(pF)
A
・AN(CG)
(COG)
(CH)Characteristic
50V
Product No.
MCH185A
(AN)220J
∗
MCH185A
(AN)240J
∗
MCH185A
(AN)270J
∗
MCH185A
(AN)300J
∗
MCH185A
(AN)330J
∗
MCH185A
(AN)360J
∗
MCH185A
(AN)390J
∗
MCH185A
(AN)430J
∗
MCH185A
(AN)470J
∗
MCH185A
(AN)510J
∗
MCH185A
(AN)560J
∗
MCH185A
(AN)620J
∗
MCH185A
(AN)680J
∗
MCH185A
(AN)750J
∗
MCH185A
(AN)820J
∗
MCH185A
(AN)910J
∗
MCH185A
(AN)101J
∗
MCH185A
(AN)111J
∗
MCH185A
(AN)121J
∗
MCH185A
(AN)131J
∗
MCH185A
(AN)151J
∗
MCH185A
(AN)161J
∗
MCH185A
(AN)181J
∗
MCH185A
(AN)201J
∗
MCH185A
(AN)221J
∗
MCH185A
(AN)241J
∗
MCH185A
(AN)271J
∗
MCH185A
(AN)301J
∗
MCH185A
(AN)331J
∗
MCH185A
(AN)361J
∗
MCH185A
(AN)391J
∗
MCH185A
(AN)431J
∗
MCH185A
(AN)471J
∗
MCH185A
(AN)511J
∗
MCH185A
(AN)561J
∗
MCH185A
(AN)621J
∗
MCH185A
(AN)681J
∗
MCH185A
(AN)751J
∗
MCH185A
(AN)821J
∗
MCH185A
(AN)102J
∗
J
(±5%)
0.8
±0.1
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
220
240
270
300
330
360
390
430
470
510
560
620
680
750
820
1,000
C
(±0.25pF)
D
(±0.5pF)
J
(±5%)
0.8
±0.1
0.8
±0.1
0.8
±0.1
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
Tolerance
Product thickness(mm)
1608(0603)Size chip capacitors : MCH18
Quick Reference
Product No. list
External dimensions (Unit : mm)
Production designation
Miniture, light weight
Achieved high capacitance by thin and multi layer technology
Lead-free plating terminal
No polarity
The design and specifications are subject to change without prior notice. Before ordering or using,
please check the latest technical specifications. For more detail information regarding temperature
characteristic code and packaging style code, please check product destination.
●
●
●
●
Range of thermal compensation capacitors
Thermal compensation capacitors
Range of high dielectric constant capacitors
High dielectric constant capacitors
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
A,AN
(CG)
(C0G)
(CH)Characteristic
50V
0.8
± 0.1
0.5
∼820、1,000
〈11pF 以上〉:J( ± 5%),〈0.5 ∼ 5pF〉:C( ± 0.25pF),〈5.1 ∼ 10pF〉:D( ± 0.5pF)
E24
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
FN
(F)
(Y5V)Characteristic
0.8
± 0.1
Z
(+80%,−20%)
E3
50V
1,000
∼100,000
25V
100,000
16V
220,000
10V
470,000
∼1,000,000
Packing style code
K
, L, C
MCH18
Temperature
Rated voltage(V)
Product thickness(mm)
Capacitance(pF)
Capacitance tolerance
Nominal capacitance series
50V
220
∼22,000
CN(X5R)Characteristic
10V
150,000
∼1,000,000
CN
(R)
(B)
(X7R)Characteristic
25V
0.8
± 0.1
33,000
∼100,000
K
(±10%)
E6
Packing style code
K
, L, C
MCH18
0.15Min.
0.4Min.
1.6
±0.1
0.8
±0.1
Rated voltage
Part No.
M C H 1
4
3
2
5
Code
Packing Style
1
Temp. coefficient or percent change
Operating temp. range(℃)
Capacitance-temperature characteristics
EIA code
A,AN
CN
FN
Code
CG
(C0G)
CH
R
B
(X5R)
(X7R)
F
(Y5V)
8
2
−55∼+125
−55∼+125
−55∼+125
−25∼+ 85
(−55∼+ 85)
(−55∼+125)
−25∼+ 85
(−30∼+ 85)
F
0
±30ppm/℃
0
±60ppm/℃
±15%
±10%
(±15%)
(±15%)
+30%, −80%
(+22%, −82%)
0 3
Code
K
L
C
Prduct thickness
0.8mm
0.8mm
0.8mm
Packing specification
Paper tape(width 8mm, pitch 4mm)
Paper tape(width 8mm, pitch 4mm)
Bulk case
Reel
φ180mm(7in.)
φ330mm(13in.)
―
Basic ordering unit(pcs.)
4,000
16,000
15,000
Z K
10V
16V
25V
50V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5∼5pF)
±0.5pF(5.1∼10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
N
Reel(φ180,φ330mm):compatible with EIAJ ET-7200A
Bulk case:compatible with EIAJ ET-7201A
×2
3-digit
designation
accordijg
to IEC
Nominal
capacitance
∗ : Packaging Code
∗ : Packaging Code
∗ : Packaging Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com