Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0791081053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0791081053
Description  Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0791081053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0791081053_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0791081053_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/02/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791081053
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
Milli-Grid™ Vertical Receptacle Dual Row Through-Hole, 0.76µm Gold (Au) Selective
Plating, 8 Circuits, Lead-Free
Replacement Part
Number:
NO
Documents:
3D Model
Product Specification PS-79107-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
79108
Application
Board-to-Board, Signal
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™
Replacement Part Number
NO
UPC
822348467686
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
TOP
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
Net Weight
0.227/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
1.27mm
PCB Locator
No
PCB Retention
None
PCB Thickness - Recommended
0.60mm
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
WAVE
Max. Cycles at Max. Process Temperature
001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
79108 Series
Mates With
87833 , 87832 , 87831 , 87758 , 87759 ,
87760


Similar Part No. - 0791081053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791081053 MOLEX9-0791081053 Datasheet
304Kb / 6P
2.00mm (.079") Pitch Milli-Grid??Flex-to-Board Vertical Receptacle Dual Row Through-Hole, 0.76關m (30關") Gold (Au) Selective Plating, 8 Circuits, Leadfree
More results

Similar Description - 0791081053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791081004 MOLEX1-0791081004_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081006 MOLEX1-0791081006_17 Datasheet
32Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081009 MOLEX1-0791081009_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081015 MOLEX1-0791081015_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081024 MOLEX1-0791081024_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.38關m Gold (Au) Selective
0791081054 MOLEX1-0791081054_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective
0791081056 MOLEX1-0791081056_17 Datasheet
32Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective
0791081058 MOLEX1-0791081058_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective
0791081059 MOLEX1-0791081059_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective Plating
0791081073 MOLEX1-0791081073_17 Datasheet
33Kb / 2P
Milli-Grid Vertical Receptacle Dual Row Through-Hole, 0.76關m Gold (Au) Selective Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com