Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4532WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4532WSC
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4532WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4532WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RT4532
www.richtek.com
DS4532-01 August 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 2.5V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Power Supply
Input Supply Voltage
VIN
2.5
--
5.5
V
VIN Quiescent Current
IQ
PWM, No Switching
--
0.6
--
mA
Shutdown Current
ISHDN
VIN = 4.2V, EN = GND
--
1
3
A
Under-Voltage Lockout
Threshold
VUVLO
VIN Falling, Check IQ < 200A
--
--
2.3
V
Under-Voltage Lockout
Hysteresis
VUVLO
After UVLO, VIN Rising,
Until IQ > 200µA
--
150
--
mV
Backlight LED Current Source
Accuracy of Output Current ILED_ACC
FB1, FB2 = 0.15V, IFB1 = IFB2 = 20mA
5
--
5
%
Matching of Output Current
ILED_MAT
FB1, FB2 = 0.15V, IFB1 = IFB2 = 20mA
3
--
3
%
Oscillator and Timing
Operating Frequency
fSW
Reg0x03 [6] = 1
0.88
1.1
1.32
MHz
Maximum Duty Cycle
DMAX
FB1 = FB2 = 0V, check MAX duty
90
95
--
%
Brightness Ramp Rate
TRAMP
Reg0x03 [5:0] = 111111
209.72 262.14 314.58
ms
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------------
−0.3V to 6V
Boost Output Voltage, VOUT -------------------------------------------------------------------------------------------
−0.3V to 26V
Switching Voltage, LX ----------------------------------------------------------------------------------------------------
−0.3V to 26V
Current Source Voltage, FB1, FB2 ------------------------------------------------------------------------------------
−0.3V to 26V
Other Pins, EN, PWM, SCL, SDA ------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-10B 0.87x2.07 (BSC) ---------------------------------------------------------------------------------------- 1W
Package Thermal Resistance (Note 2)
WL-CSP-10B 0.87x2.07 (BSC),
θJA ---------------------------------------------------------------------------------- 99.6°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ----------------------------------------------------------------------------------------------------- 200V
(VIN = 3.6V, CIN = 10
μF, COUT = 1μF, L = 10μH, TA = 25°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com