Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4532 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4532
Description  High Efficiency Backlight LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4532 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4532 Datasheet HTML 1Page - Richtek Technology Corporation RT4532 Datasheet HTML 2Page - Richtek Technology Corporation RT4532 Datasheet HTML 3Page - Richtek Technology Corporation RT4532 Datasheet HTML 4Page - Richtek Technology Corporation RT4532 Datasheet HTML 5Page - Richtek Technology Corporation RT4532 Datasheet HTML 6Page - Richtek Technology Corporation RT4532 Datasheet HTML 7Page - Richtek Technology Corporation RT4532 Datasheet HTML 8Page - Richtek Technology Corporation RT4532 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RT4532
www.richtek.com
DS4532-01 August 2015
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin Configuration
(TOP VIEW)
Pin No.
Pin Name
Pin Function
A1
LX
Switch node of boost converter. Connect an inductor between LX and VIN.
A2
GND
Ground.
B1
VOUT
Power output of the asynchronous boost converter for backlight LEDs. Connect a
1
F or larger ceramic capacitor from VOUT to ground.
B2
VIN
Power input. Connect this pin to the input power supply voltage. Connect a 10
F
or larger ceramic capacitor from the VIN to ground.
C1
PWM
PWM dimming input for backlight LED.
C2
EN
Enable control input (active high). The chip is in shutdown mode when the EN pin
is low.
D1
SDA
I2C serial data input/output. An external pull-up resistor is required.
D2
SCL
I2C serial clock input. An external pull-up resistor is required.
E1
FB2
Single output 2 for backlight LED.
E2
FB1
Single output 1 for backlight LED.
FB1
FB2
SCL
SDA
EN
PWM
VIN
VOUT
LX
GND
E2
E1
D2
D1
C2
C1
B2
B1
A1
A2
WL-CSP-10B 0.87x2.07(BSC)
Marking Information
2KW
2K : Product Code
W : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com