Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSX075-3200-R13 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # WSX075-3200-R13
Description  Wall Plug - Ins - Interchangeable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

WSX075-3200-R13 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  WSX075-3200-R13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wall Plug – Ins - Interchangeable
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: September 29, 2016
WSX075-3200-R13
Electrical Specifications (@25C)
1. Input Voltage rating: 100-240VAC, 50-60Hz
2. Input Voltage range: 90-264VAC
3. Input current: 0.8A(RMS) @ 115VAC
4. Max Inrush Current: 50A @ 115VAC (Cold start)
5. Output Voltage: 7.5VDC
6. Output Current: 3.2A
7. Regulation (line & load): ±5%
8. Ripple: 100mVpk-pk Max
9. No load power (stand by): < 100 mW
10. Average Efficiency: 86.5% Typ. Meets minimum level
VI efficiency.
Environmental Specifications
1. Operating Temperature Range: 0°C to +45° C @ full load
2. Storage Temperature Range: -20°C to 60°C
3. Humidity: 5% to 95%, Non-condensing
Reliability Specifications
1. Leakage Current: <0.25mA (264VAC)
2. Dielectric Strength (Hi-pot): 4242VDC/3secs., 5mA Max
3. Warranty: 5 years
Mechanical Parameters
Case Type: Thermoplastic molded enclosure.
Output Cord: 18 AWG, 4 Ft. Long Nom.
Safety & EMI
ETL: UL/ANSI 60950 Class
II, Double Insulated
BS: 1363-1:1995 + A1:1997 + A2:2003 + A3:2007
AS/NZS: AS/NZS 60950.1:2011 + A1, AS/NZS 60065:2012
GS (S50311479): EN 60950-1: 2006 + A11+A1+A12+A2
EMI standard: FCC part 15 class B, EN 61204-3:2000
Over voltage and short circuit protected
EISA 2007/CEC Compliance: This power supply meets the minimum efficiency
requirements per Department of Energy and California Energy Commission.
RoHS Compliance: Meets the requirements of 2011/65/EU, known as
the RoHS initiative.
Upon printing, this document is considered “uncontrolled”. Please
contact Triad Magnetics’ website for the most current version.
Dim.: mm
North America
European Union
United Kingdom
Australia/New Zealand
RoHS
2011/65/EU
VI


Similar Part No. - WSX075-3200-R13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX075-3200-13 TRIAD-WSX075-3200-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results

Similar Description - WSX075-3200-R13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX075-3200-13 TRIAD-WSX075-3200-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-13 TRIAD-WSX090-2500-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX135-1770-13 TRIAD-WSX135-1770-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com