Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2168 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2168
Description  1MHZ PWM SYNCHRONOUS BUCK CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2168 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2168 Datasheet HTML 6Page - Micrel Semiconductor MIC2168 Datasheet HTML 7Page - Micrel Semiconductor MIC2168 Datasheet HTML 8Page - Micrel Semiconductor MIC2168 Datasheet HTML 9Page - Micrel Semiconductor MIC2168 Datasheet HTML 10Page - Micrel Semiconductor MIC2168 Datasheet HTML 11Page - Micrel Semiconductor MIC2168 Datasheet HTML 12Page - Micrel Semiconductor MIC2168 Datasheet HTML 13Page - Micrel Semiconductor MIC2168 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
November 2003
13
M9999-111803
MIC2168
Micrel
Design Example
Layout and Checklist:
1. Connect the current limiting (CS) resistor directly
to the drain of top MOSFET Q1.
2. Connect the VSW pin directly to the source of top
MOSFET Q1 thru a 4
Ω to 10Ω resistor. The pur-
pose of this resistor is to filter the switch node.
3. The feedback resistors R1 and R2 should be
placed close to the FB pin. The top side of R1
should connect directly to the output node. Run
this trace away from the switch node (junction of
Q1, Q2, and L1). The bottom side of R1 should
connect to the GND pin on the MIC2168.
4. The compensation resistor and capacitors should
be placed right next to the COMP/EN pin and the
other side should connect directly to the GND pin
on the MIC2168 rather than going to the plane.
5. The input bulk capacitors should be placed close to
the drain of the top MOSFET.
6. The 1
µF ceramic capacitor should be placed right
on the VIN pin of the MIC2168.
7. The 4.7
µF to 10µF ceramic capacitor should be
placed right on the VDD pin.
8. The source of the bottom MOSFET should connect
directly to the input capacitor GND with a thick
trace. The output capacitor and the input capacitor
should connect directly to the GND plane.
9. Place a 0.1
µF ceramic capacitor in parallel with the
CS resistor to filter any switching noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com