Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2202 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2202
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2202 Datasheet HTML 9Page - Micrel Semiconductor MIC2202 Datasheet HTML 10Page - Micrel Semiconductor MIC2202 Datasheet HTML 11Page - Micrel Semiconductor MIC2202 Datasheet HTML 12Page - Micrel Semiconductor MIC2202 Datasheet HTML 13Page - Micrel Semiconductor MIC2202 Datasheet HTML 14Page - Micrel Semiconductor MIC2202 Datasheet HTML 15Page - Micrel Semiconductor MIC2202 Datasheet HTML 16Page - Micrel Semiconductor MIC2202 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
May 2004
13
M9999-052104
MIC2202
Micrel
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
06036D105MAT2
AVX
1
µF Ceramic Capacitor X5R, 6.3V, Size 0603
1
GRM185R60J105KE21D
Murata
1
µF Ceramic Capacitor X5R, 6.3V, Size 0603
C2
0201ZD103MAT2
AVX
10nF Cermaic Capacitor 6.3V, Size 0201
1
GRM033R10J103KA01D
Murata
10nF Cermaic Capacitor 6.3V, Size 0202
C3
06036D225MAT2
AVX
2.2
µF Ceramic Capacitor X5R, 6.3V, Size 0603
1
GRM033R10J103KA01D
Murata
2.2
µF Ceramic Capacitor X5R, 6.3V, Size 0603
L1
LQH32CN1R0M53K
Murata
1
µH Inductor 60mΩ (3.2mmx2.5mmx1.55mm)
1
CDRH2D14-2R2
Sumida
1.5
µH Inductor 63mΩ (3.2mmx3.2mmx1.55mm)
R1
CRCW04021002F
Vishay-Dale
10k
Ω 1%, Size 0402
1
R2
CRCW04021781F
Vishay-Dale
1.78k
Ω 1%, Size 0402 For 3.3VOUT
1
CRCW04022491F
Vishay-Dale
2.49k
Ω 1%, Size 0402 For 2.5VOUT
CRCW04023831F
Vishay-Dale
3.83k
Ω 1%, Size 0402 For 1.8VOUT
CRCW04024991F
Vishay-Dale
4.99k
Ω 1%, Size 0402 For 1.5VOUT
CRCW04027151F
Vishay-Dale
7.15k
Ω 1%, Size 0402 For 1.2VOUT
CRCW04021002F
Vishay-Dale
10k
Ω 1%, Size 0402 For 1VOUT
N/A
Open
For 0.5VOUT
U1
MIC2202BMM
Micrel, Inc.
2MHz High Efficiency Synchronous
1
Buck Regulator
1.
AVX: www.avx.com
2.
Murata: www.murata.com
3.
Sumida: www.sumida.com
4.
Vishay-Dale: www.vishay.com
5.
Micrel, Inc: www.micrel.com
VIN
MIC2202BMM
EN
SYNC_OUT
VIN
VSW
BIAS
SYNC_IN
FB
GND
C2
0.01
µF
GND
2
5
4
3
7
GND
C3
2.2
µF
C1
1
µF
VOUT
600mA
GND
1
6
10
9
8
L1
1
µH
R1
10k
R2
see BOM
for values
GND
Figure 7. MIC2202BMM Schematic
MIC2202BMM with 1
µH Inductor and 2.2µF Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com