Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BAS19
Description  Silicon Diode in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BAS19 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BAS19 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS19 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS19 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS19 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS19 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BAS19 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS19~BAS21
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
BAS19
BAS20
BAS21
Repetitive Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
VRWM
100
150
200
V
RMS Reverse Voltage
VR(RMS)
70
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output
Current
IO
200
mA
Non-repetitive Peak Forward
Surge Current
IFSM
(t=1.0μs)
2.0
A
IFSM
(t=1.0s)
0.5
Repetitive Peak Forward Surge
Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal Resistance, Junction to
Ambient
RθJA
500
/W
℃
Junction and Storage
Temperature Range
Tj Tstg
-65~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
数值
Rating
单位
Unit
BAS19
BAS20
BAS21
Breakdown Voltage
VR
IR=100μA
120
200
250
V
Forward Voltage
VFM
IF=100mA
1.0
V
IF=200mA
1.25
V
Instantaneous Reverse
Current
IRM
TJ=25℃
100
nA
TJ=100℃
15
μA
Total Capacitance
CT
VR=0
f=1.0MHz
5.0
pF
Reverse Recovery Time
trr
IF=1R=30mA
IRR=0.1×IR
RL=100Ω
50
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com