Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC6315 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6315
Description  Open-Drain UP Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6315 Datasheet HTML 1Page - Micrel Semiconductor MIC6315 Datasheet HTML 2Page - Micrel Semiconductor MIC6315 Datasheet HTML 3Page - Micrel Semiconductor MIC6315 Datasheet HTML 4Page - Micrel Semiconductor MIC6315 Datasheet HTML 5Page - Micrel Semiconductor MIC6315 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC6315
Micrel
M9999-071504
2
July, 2004
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
IC Ground Pin.
2
/RESET
/RESET goes low if V
CC falls below the reset threshold and remains asserted
for one reset timeout period after V
CC exceeds the reset threshold.
3
/MR
Manual Reset Input. A logic low on /MR forces a reset. The reset will remain
asserted as long as /MR is held low and for one reset timeout period after /MR goes
high. This input can be shorted to ground via a switch or be driven by TTL or CMOS
logic. Float if unused.
4
VCC
Power Supply Input.
Pin Configuration
MR
1
2
4 VCC
GND
MIC6315
RESET
3
MIC6315-xxDyU 4-Lead SOT-143
Ordering Information(1, 2)
Nominal
Min. tRST
Part Number
Marking
VTH (V)
(ms)
Operating Temp. Range
Package
MIC6315-26D2U
NY
2.63
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-29D2U
NM
2.93
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-30D2U
N2
3.00
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-31D2U
zz
3.08
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-44D2U
zz
4.38
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-46D2U
zz
4.63
20
–40
°C to +85°C
4-lead SOT-143
MIC6315-26D3U
NR
2.63
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-29D3U
NP
2.93
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-30D3U
N3
3.00
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-31D3U
NU
3.08
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-44D3U
zz
4.38
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-46D3U
NX
4.63
140
–40
°C to +85°C
4-lead SOT-143
MIC6315-26D4U
NS
2.63
1100
–40
°C to +85°C
4-lead SOT-143
MIC6315-29D4U
NN
2.93
1100
–40
°C to +85°C
4-lead SOT-143
MIC6315-30D4U
N4
3.00
1100
–40
°C to +85°C
4-lead SOT-143
MIC6315-31D4U
zz
3.08
1100
–40
°C to +85°C
4-lead SOT-143
MIC6315-44D4U
zz
4.38
1100
–40
°C to +85°C
4-lead SOT-143
MIC6315-46D4U
NZ
4.63
1100
–40
°C to +85°C
4-lead SOT-143
Notes
1.
All devices available in tape and reel only.
2.
Parts not yet assigned an identification code are shown as “zz”. Contact Micrel for details. Minimum order
may apply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com