Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9428 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9428
Description  Host-Side Single Cell Lithium Battery Gauge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9428 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9428 Datasheet HTML 1Page - Richtek Technology Corporation RT9428 Datasheet HTML 2Page - Richtek Technology Corporation RT9428 Datasheet HTML 3Page - Richtek Technology Corporation RT9428 Datasheet HTML 4Page - Richtek Technology Corporation RT9428 Datasheet HTML 5Page - Richtek Technology Corporation RT9428 Datasheet HTML 6Page - Richtek Technology Corporation RT9428 Datasheet HTML 7Page - Richtek Technology Corporation RT9428 Datasheet HTML 8Page - Richtek Technology Corporation RT9428 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9428
2
DS9428-01
October 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Pin Description
Pin No.
Pin Name
Pin Function
A1
TEST
Test Pin. Connect to GND pin during normal operation.
A2
VBAT
Battery Voltage Measurement Input.
A3
VDD
Processor Power Input. Decouple with a 10nF capacitor.
A4
GND
Ground.
B1
SDA
Serial Data Input. Slave I2C data line for communication with system. Open-drain
I/O.
B2
SCL
Serial Clock Input. Slave I2C clock line for communication with system.
B3
QS
Quick Sensing Input. Active high to restart the calculation. Pull low to GND during
normal operation.
B4
ALERT
Alert Output. When SOCLow condition is detected, It outputs low as interrupt
signal. Connect to interrupt input of the system processor. Connect to GND if not
used.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
Pin Configurations
(TOP VIEW)
WL-CSP-8B 1.6x1.52 (BSC)
B1
B2
B3
B4
A1
A2
A3
A4
RT9428
Package Type
WSC : WL-CSP-8B 1.6x1.52 (BSC)
1SW
1S : Product Code
W : Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com