Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2202YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2202YML
Description  HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2202YML Datasheet HTML 1Page - Micrel Semiconductor MIC2202YML Datasheet HTML 2Page - Micrel Semiconductor MIC2202YML Datasheet HTML 3Page - Micrel Semiconductor MIC2202YML Datasheet HTML 4Page - Micrel Semiconductor MIC2202YML Datasheet HTML 5Page - Micrel Semiconductor MIC2202YML Datasheet HTML 6Page - Micrel Semiconductor MIC2202YML Datasheet HTML 7Page - Micrel Semiconductor MIC2202YML Datasheet HTML 8Page - Micrel Semiconductor MIC2202YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MIC2202
Micrel
M9999-052104
4
May 2004
Typical Characteristics
0.4950
0.4975
0.5000
0.5025
0.5050
0
0.1
0.2
0.3
0.4
0.5
OUTPUT CURRENT (A)
Output Voltage
vs. Output Current
0.485
0.490
0.495
0.500
0.505
0.510
0.515
-40 -20 0
20406080 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
024
6
SUPPLY VOLTAGE (V)
V
BIAS
vs. Supply Voltage
V
FB = 0V
2.302
2.304
2.306
2.308
2.31
2.312
2.314
2.316
2.318
2.320
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Bias Supply
vs. Temperature
0
50
100
150
200
250
300
350
0123456
SUPPLY VOLTAGE (V)
Quiescent Current
vs. Supply Voltage
V
FB = 0V
332
334
336
338
340
342
344
346
348
350
352
354
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
V
IN = 3.6V
1.60
1.70
1.80
1.90
2.00
2.10
2.20
2.30
2.40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Frequency
vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.3 2.8 3.3 3.8 4.3 4.8 5.3
SUPPLY VOLTAGE (V)
Enable Threshold
vs. Supply Voltage
Enable On
Enable Off
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Threshold
vs. Temperature
3.6V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com