Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9480 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9480
Description  Easy to Use Power Bank Solution Integrated Chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9480 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9480 Datasheet HTML 1Page - Richtek Technology Corporation RT9480 Datasheet HTML 2Page - Richtek Technology Corporation RT9480 Datasheet HTML 3Page - Richtek Technology Corporation RT9480 Datasheet HTML 4Page - Richtek Technology Corporation RT9480 Datasheet HTML 5Page - Richtek Technology Corporation RT9480 Datasheet HTML 6Page - Richtek Technology Corporation RT9480 Datasheet HTML 7Page - Richtek Technology Corporation RT9480 Datasheet HTML 8Page - Richtek Technology Corporation RT9480 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT9480
2
DS9480-05
February 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin Configuration
(TOP VIEW)
WQFN-24L 4x4
Product Name List
Serial
Number
Product Name
Auto/Button
SOC LED
Number
Programmable
Battery
Regulation
Time Out of
USBOUT Detach
RT9480GQW
Button
4LEDs
Disable
4.2V
12 Hours
AA01
RT9480GQW-AA01
Auto
4LEDs
Disable
4.2V
3sec
AA02
RT9480GQW-AA02
Button
4LEDs
Disable
4.35V
12 Hours
AA03
RT9480GQW-AA03
Button
4LEDs
Disable
4.2V
3sec
VBAT
TS
LED1
LED2
LED3
LED4
USBOUT1
USBOUT1
USBOUT2
NC
TP2
SWIN2
GND
1
2
3
4
5
6
78
9 10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com