Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OGF6007 Datasheet(PDF) 2 Page - First Components International

Part # OGF6007
Description  60Amp Glass Passivated Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

OGF6007 Datasheet(HTML) 2 Page - First Components International

  OGF6007 Datasheet HTML 1Page - First Components International OGF6007 Datasheet HTML 2Page - First Components International OGF6007 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
100
110
120
130
140
1
75
0
10
2030
40506070
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
R
(DC) =
1.2 C/W
thJC
110
120
130
140
1
75
0
2040
6080
100
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
R
(DC) =
1.2 C/W
thJC
0
10
20
30
40
50
60
70
80
90
100
110
0
20
406080
100
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
T = 1
75°C
J
0
10
20
30
40
50
60
70
80
90
0
10
2030
40
50
6070
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
T = 1
75°C
J
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
300
400
500
600
700
800
900
1000
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 1
75°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
200
400
600
800
1000
1200
0.01
0.1
1
Pulse Train Duration (s)
Versus Pulse Train Duration.
Initial T = 1
75°C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maximum Non Repetitive Surge Current



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com