Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32CM Datasheet(PDF) 1 Page - First Components International

Part # TIP32CM
Description  Silicon epitaxial chip of p-n-p medium power transistor (Ic max=3A)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TIP32CM Datasheet(HTML) 1 Page - First Components International

  TIP32CM Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Description:
Silicon epitaxial chip of p-n-p medium power transistor (Ic max=3A)
used for general-purpose amplifier and switching application.
Complementary pair TIP31C
Recommended ultrasonic bonding wire Al
Emitter - 2 wire dia 80
µm
Base -
1 wire dia 80
µm
ELECTRICAL CHARACTERISTICS CHIPS ON WAFER
(Ta=25
°C)
Parameter
Symbol
Unit
Measurement Mode
Min
Max
Collector cutoff
Current
Iceo
mA
Vce=45V; Ib=0
0.3
Collector cutoff
Current
Ices
mA
Vce=60V; Ube=0
0.2
Emitter cutoff
Current
Iebo
mA
Veb=5,0 V; Ic=0
1.0
Collector – Emitter
Sustaining
Vceo
(sus)
V
Ic=30 mA, Ib=0
60
DC Current Gain(1) **
hFE
Vce=4V; Ic=1A
100
Small-Signal Current Gain **
hfe
Vce=10V; Ic=0,5 A
f=1kHz
20
Collector-Emitter
Saturation Voltage(1)
Vce(sat)
V
Ic=1A; Ib=35mA
0.5
Base- Emitter
On Voltage(1) **
Vbe(on)
V
Vce=4 V; Ic=3 A
1.8
1.Pulse Tests: Pulse Width
≤ 300
µs, Duty Cycle ≤ 2%
2.** In a circuit with common base Ucb= Uce-1v ; Ie=Ic
Wafer Diameter -- 100 mm
Wafer thickness -- 270
± 20 µm;
Die size
-- 1.7 x 1.7 mm ;
Metallization:
Top
-- Al 4.5
± 0.5 µm
Bottom
-- Ti-Ni-Ag
Ti = 0.1
± 0.02 µm
Ni = 0.5
± 0.1 µm
Ag = 0.6
± 0.1 µm
Bondpad size:
1. Base
0.4 x 0.3 mm
2.Emitter
0.312 x 0.312 mm


Similar Part No. - TIP32CM

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32C MOSPEC-TIP32C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32C MOTOROLA-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32C ONSEMI-TIP32C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32C POINN-TIP32C Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32CM

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5954 NJSEMI-2N5954 Datasheet
203Kb / 2P
Silicon N-P-N and P-N-P Medium-Power Transistors
2N3998 NJSEMI-2N3998 Datasheet
175Kb / 2P
N-P-N EPITAXIAL PLANAR SILICON POWER TRANSISTOR
2N4036 NJSEMI-2N4036 Datasheet
175Kb / 2P
MEDIUM-POWER SILICON P-N-P PLANAR TRANSISTOR
2N4037 NJSEMI-2N4037 Datasheet
166Kb / 2P
MEDIUM-POWER SILICON P-N-P PLANAR TRANSISTOR
2N5333 NJSEMI-2N5333 Datasheet
124Kb / 1P
P-N-P SILICON POWER TRANSISTOR
2N5384 NJSEMI-2N5384 Datasheet
210Kb / 2P
P-N-P EPITAXIAL PLANAR SILICON POWER TRANSISTORS
2N6180 NJSEMI-2N6180 Datasheet
124Kb / 1P
P-N-P SILICON POWER TRANSISTOR
2N5954 NJSEMI-2N5954_13 Datasheet
203Kb / 2P
Silicon N-P-N and P-N-P Medium-Power Transistors
logo
SeCoS Halbleitertechnol...
CZT31C SECOS-CZT31C Datasheet
329Kb / 2P
3A, 100V P Silicon Medium Power Transistor
CZT32C SECOS-CZT32C Datasheet
342Kb / 2P
PNP Silicon Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com