Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0791091053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0791091053
Description  Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0791091053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0791091053_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0791091053_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0791091053
Status:
Active
Overview:
Milli-Grid™ Connector System
Description:
Milli-Grid™ Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
Plastic Pegs, without Cap, Tube, 0.75µm Gold (Au) Selective, 8 Circuits, Lead-Free
Documents:
3D Model
Product Specification TS-79109-001-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-79107-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
79109
Application
Board-to-Board, Signal
Overview
Milli-Grid™ Connector System
Product Name
Milli-Grid™
UPC
822348490714
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
0.211/g
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.00mm
Plating min - Mating
0.762µm
Plating min - Termination
1.905µm
Polarized to PCB
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.0A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
010
Lead-freeProcess Capability
REFLOW
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
79109 Series
Mates With
Milli-Grid™ Header 87833 , 87832 , 87831
, 87758 , 87759 , 87760 <br> Milli-Grid™
Low-Halogen Header 151117 , 151118 ,
151119 , 151120


Similar Part No. - 0791091053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791091053 MOLEX9-0791091053 Datasheet
1Mb / 12P
2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit Plastic Pegs, without Cap
More results

Similar Description - 0791091053_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0791091001 MOLEX1-0791091001_17 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091013 MOLEX1-0791091013_17 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091070 MOLEX1-0791091070_17 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091103 MOLEX1-0791091103 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091106 MOLEX1-0791091106 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091107 MOLEX1-0791091107 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091108 MOLEX1-0791091108 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091109 MOLEX1-0791091109 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091111 MOLEX1-0791091111 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
0791091112 MOLEX1-0791091112 Datasheet
45Kb / 2P
Milli-Grid Receptacle, Surface Mount, Vertical, Top/Bottom Entry, without Press-fit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com