Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX02 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # AX02
Description  SMD Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

AX02 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  AX02 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Inductors
AX02 Series
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: April 11, 2017
Notes: 1.Inductance measured at 100khz .0.1v without DC current.
2. Rated current is the approximate current at which inductance will be decreased by 15% from its initial (zero DC) value.
3. The saturation DC current at which inductance rolls off approximately 30% from its initial value.
4. DC Resistance measured at 20˚C.
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as
the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version
OUTLINE
Slim type.
Self shielded.
Height: 6.5mm Max.
Low resistance.
Excellent DC current characteristics
.
APPLICATIONS
Laptop and Notebook computers and PDAs.
DC/DC converters.
Inductor for general purpose use.
Model
Inductance(1)
uH±20%
Rated DC(2) Current
Amps
The saturation(3)
DC Current
Amps
DC resistance(4)
Max
AX02-300R6
0.6
27.0
40.0
0.95
AX02-301R0
1.0
23.0
34.0
1.70
AX02-301R5
1.5
18.0
30.0
2.30
AX02-302R2
2.2
12.0
24.0
5.10
AX02-303R9
3.9
10.0
18.0
6.80
AX02-304R6
4.6
9.0
14.0
8.30
AX02-306R4
6.4
6.5
16.0
8.50
Mechanicals Dimensions=inches/mm
Performance Graphs
AXIS
AX02-30xxx
bottom view
F
Suggested
Solder Pad Layout
B MAX
E
F
A
B
C
D
E
F
.523
13.3
.590
15.0
.236
6.50
.295
7.50
.236
6.00
.177
4.50
Inductance vs DC Bias
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
DC Bias-Amps


Similar Part No. - AX02

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
AX02-30 TRIAD-AX02-30 Datasheet
86Kb / 1P
SMD Power Inductors
More results

Similar Description - AX02

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
SMD POWER INDUCTORS
logo
Bourns Electronic Solut...
SDR1305 BOURNS-SDR1305 Datasheet
207Kb / 2P
SMD Power Inductors
logo
Superworld Electronics
PDB1011 SUPERWORLD-PDB1011 Datasheet
496Kb / 6P
SMD POWER INDUCTORS
SPC5010FT SUPERWORLD-SPC5010FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPC5020FT SUPERWORLD-SPC5020FT Datasheet
227Kb / 5P
SMD POWER INDUCTORS
SPH4018FT SUPERWORLD-SPH4018FT Datasheet
236Kb / 5P
SMD POWER INDUCTORS
SPI4015 SUPERWORLD-SPI4015 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
SPI4018 SUPERWORLD-SPI4018 Datasheet
231Kb / 5P
SMD POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com