Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX97 Datasheet(PDF) 3 Page - TRIAD MAGNETICS

Part # AX97
Description  OUTLINE DIMENSIONS/RECOMMENDED PCB LAYOUT(inch/mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

AX97 Datasheet(HTML) 3 Page - TRIAD MAGNETICS

  AX97 Datasheet HTML 1Page - TRIAD MAGNETICS AX97 Datasheet HTML 2Page - TRIAD MAGNETICS AX97 Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known
as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version
SPECIFICATIONS
Part Number Inductance DC Resistance
Rated
Figure Part Number Inductance DC Resistance
Rated
Figure
(uH± 20%)
(Note 1)
@25
℃
(Ωmax)
(Note 3)
Current
(Amp)
(Note 2)
(uH± 20%)
(Note 1)
@25
℃
(Ωmax)
(Note 3)
Current
(Amp)
(Note 2)
AX97-101R0
1.0
0.03
2.90
1
AX97-30101
100
0.30
1.50
1
AX97-101R5
1.5
0.05
2.80
1
AX97-30151
150
0.44
1.20
1
AX97-102R2
2.2
0.06
2.40
1
AX97-30221
220
0.64
1.00
1
AX97103R3
3.3
0.09
2.00
1
AX97-30331
330
1.00
0.80
1
AX97104R7
4.7
0.12
1.50
1
AX97-30471
470
1.50
0.50
1
AX97-106R8
6.8
0.17
1.30
1
AX97-30681
680
2.20
0.40
1
AX97-10100
10
0.22
1.00
1
AX97-30102
1000
3.15
0.30
1
AX97-10150
15
0.30
0.80
1
AX97-403R3
3.3
0.01
9.80
2
AX97-10220
22
0.43
0.70
1
AX97-404R7
4.7
0.01
9.30
2
AX97-10330
33
0.69
0.57
1
AX97-406R8
6.8
0.02
7.70
2
AX97-10470
47
0.92
0.46
1
AX97-408R2
8.2
0.02
7.00
2
AX97-10680
68
1.39
0.37
1
AX97-40100
10
0.02
6.50
2
AX97-10101
100
1.98
0.28
1
AX97-40150
15
0.03
5.30
2
AX97-10151
150
3.08
0.22
1
AX97-40220
22
0.04
4.40
2
1X97-10221
220
4.47
0.18
1
AX97-40330
33
0.06
3.50
2
AX97-10331
330
6.90
0.15
1
AX97-40470
47
0.07
3.00
2
AX97-10471
470
11.55
0.12
1
AX97-40680
68
0.11
2.50
2
AX97-20100
10
0.070
2.00
1
AX97-40820
82
0.12
2.20
2
AX97-20150
15
0.090
1.50
1
AX97-40101
100
0.15
2.00
2
AX97-20220
22
0.150
1.30
1
AX97-40151
150
0.22
1.70
2
AX97-20330
33
0.210
1.10
1
AX97-40221
220
0.33
1.30
2
AX97-20470
47
0.310
0.80
1
AX97-40331
330
0.45
1.10
2
AX97-20680
68
0.420
0.70
1
AX97-40471
470
0.70
0.93
2
AX97-20101
100
0.580
0.60
1
AX97-40681
680
1.00
0.78
2
AX97-20151
150
0.890
0.50
1
AX97-40102
1000
1.45
0.65
2
AX97-20221
220
1.300
0.40
1
AX97-50R78
0.78
0.003
16.00
1
AX97-20331
330
2.000
0.30
1
AX97-501R3
1.3
0.0043
14.00
1
AX98-20471
470
2.500
0.20
1
AX97-502R0
2.0
0.005
12.00
1
AX97-20681
680
3.500
0.10
1
AX97-502R6
2.6
0.006
10.00
1
AX97-20102
1000
6.000
0.05
1
AX97-503R3
3.3
0.008
9.80
1
AX97-301R0
1.0
0.01
8.50
1
AX97-505R6
5.6
0.010
7.50
1
AX97-301R5
1.5
0.01
7.90
1
AX97-50100
10
0.023
6.00
1
AX97-302R2
2.2
0.02
7.40
1
AX97-50150
15
0.035
4.50
1
AX97-303R3
3.3
0.02
6.60
1
AX97-50220
22
0.045
4.00
1
AX97-304R7
4.7
0.02
6.00
1
AX97-50330
33
0.075
3.00
1
AX98-306R8
6.8
0.03
5.20
1
AX97-50470
47
0.096
2.60
1
AX97-308R2
8.2
0.03
5.00
1
AX97-50680
68
0.140
2.30
1
AX97-30100
10.0
0.04
4.60
1
AX97-50101
100
0.190
1.70
1
AX97-30150
15.0
0.05
3.70
1
AX97-50151
150
0.290
1.50
1
AX97-30220
22.0
0.07
3.10
1
AX97-50221
220
0.410
1.20
1
AX97-30330
33.0
0.11
2.50
1
AX97-50331
330
0.540
1.00
1
AX97-30470
47.0
0.16
2.00
1
AX97-50471
470
0.800
0.83
1
AX97-30680
68.0
0.20
1.80
1
AX97-50681
680
1.150
0.72
1
AX97-30820
82.0
0.24
1.58
1
AX97-50102
1000
1.800
0.56
1
Note:1.Inductance measured at 100.0KHz,0.1Vrms,without DC current.
2.Rated DC current is the approximate current at which inductance will be decreased by 10% from its
initial (zero DC) value or the DC current at which
△ T=40℃,whichever is lower.
3.For AX97-40 Serie, resistance measured with both windings conducted in parallel.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com