Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM129AH/883 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM129AH/883
Description  PRECISION REFERENCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM129AH/883 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM129AH/883 Datasheet HTML 1Page - National Semiconductor (TI) LM129AH/883 Datasheet HTML 2Page - National Semiconductor (TI) LM129AH/883 Datasheet HTML 3Page - National Semiconductor (TI) LM129AH/883 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROCIRCUIT DATA SHEET
MNLM129A-X REV 0CL
(Absolute Maximum Ratings)
Reverse Breakdown Current
mA
Forward Current
2 mA
Operating Temperature Range
-55 C to +125 C
LM129
Storage Temperature Range
-55 C to +125 C
Soldering Information
260 C
T0-92 Package 10 Sec.
300 C
T0-46 Package 10 Sec.
ESD Tolerance
(Note 1)
3500V
Note 1:
Human body model, 1.5k Ohms in series with 100pF
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com