Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM711AMJ/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM711AMJ/883
Description  DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM711AMJ/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM711AMJ/883 Datasheet HTML 1Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 2Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 3Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 4Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 5Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 6Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 7Page - National Semiconductor (TI) LM711AMJ/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Original Creation Date: 10/26/95
Last Update Date: 11/10/95
Last Major Revision Date: 10/26/95
MNLM711AM-X REV 1A0
MILITARY DATA SHEET
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
General Description
The LM711 is a dual differential voltage comparator featuring high accuracy, fast response
times, large input voltage range, low power consumption and compatibility with practically
all integrated logic forms. When used as a sense amplifier, the threshold voltage can be
adjusted over a wide range, almost independent of the integrated circuit characteristics.
Independent strobing of each comparator channel is provided, and pulse stretching on the
output is easily accomplished. Other applications of the dual comparator include a window
discriminator in pulse height detectors and a double ended limit detector for automatic
Go-No-Go test equipment.
NS Part Numbers
LM711AMH/883
LM711AMJ/883
LM711AMW/883
Industry Part Number
LM711AM
Prime Die
LM711AM
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM711AMJ/883

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM711 SEOUL-LM711 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM711 SEOUL-LM711 Datasheet
360Kb / 13P
CYAN LAMP LED
LM711 SEOUL-LM711 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM711 SEOUL-LM711 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM711 SEOUL-LM711 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM711AMJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
NXP Semiconductors
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
High-speed dual-differential comparator/sense amp
2001 Aug 03
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
logo
ON Semiconductor
NE522 ONSEMI-NE522 Datasheet
69Kb / 8P
High-Speed Dual-Differential Comparator/Sense Amp
June, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com