Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM711AMW/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM711AMW/883
Description  DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM711AMW/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM711AMW/883 Datasheet HTML 1Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 2Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 3Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 4Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 5Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 6Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 7Page - National Semiconductor (TI) LM711AMW/883 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MILITARY DATA SHEET
MNLM711AM-X REV 1A0
(Absolute Maximum Ratings)
Storage Temperature Range
-65 C to 175 C
Operating Temperature Range
-55 C to 125 C
Lead Temperature (Soldering, 60 seconds)
300 C
Internal Power Dissipation
(Note 1)
350mW
Can
400mW
DIP
330mW
Flatpack
Positive Supply Voltage
14V
Negative Supply Voltage
-7V
Peak Output Current
50mA
Differential Input Voltage
+5V
Input Voltage
+7V
Strobe Voltage
0V to 6V
Short Circuit Duration
10s
Thermal Resistance
ThetaJA
211 C/W
H-Package (Still Air)
120 C/W
(500LF/Min Air flow)
126 C/W
J-Package (Still Air)
70 C/W
(500LF/Min Air flow)
250 C/W
W-Package (Still Air)
152 C/W
(500LF/Min Air flow)
ThetaJC
37 C/W
H-Package
24 C/W
J-Package
42 C/W
W-Package
Note 1:
Rating applies to ambient temperatures up to 125 C. Above 125 C ambient, derate
linearly at 150 C/W for the Can and Flatpack and 120 C/W for the Dip.
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com