Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC958 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC958
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC958 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC958 Datasheet HTML 1Page - Motorola, Inc MPC958 Datasheet HTML 2Page - Motorola, Inc MPC958 Datasheet HTML 3Page - Motorola, Inc MPC958 Datasheet HTML 4Page - Motorola, Inc MPC958 Datasheet HTML 5Page - Motorola, Inc MPC958 Datasheet HTML 6Page - Motorola, Inc MPC958 Datasheet HTML 7Page - Motorola, Inc MPC958 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPC958
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3
MOTOROLA
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage LVCMOS Inputs
2.0
3.6
V
VIL
Input LOW Voltage LVCMOS Inputs
0.8
V
VPP
Peak–to–Peak Input Voltage PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
1.0
3.0
V
Note 1.
VOH
Output HIGH Voltage
2.4
V
IOH = –20mA, Note 2.
VOL
Output LOW Voltage
0.5
V
IOL = 20mA, Note 2.
IIN
Input Current
±120
µA
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
ICC
Maximum Quiescent Supply Current
75
mA
All VCC Pins
ICCPLL
Maximum PLL Supply Current
15
20
mA
VCCA Pin Only
1. VCMR is the center of the differential input signal. Normal operation is obtained when the input crosspoint is within the VCMR range and the input
swing lies within the VPP specification.
2. The MPC958 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
PLL INPUT REFERENCE CHARACTERISTICS (TA = 0 to 70°C)
Symbol
Characteristic
Min
Max
Unit
Condition
fref
Reference Input Frequency
Note 3.
Note 3.
MHz
frefDC
Reference Input Duty Cycle
25
75
%
3. Maximum and minimum input reference is limited by the VCO lock range and the feedback divider.
AC CHARACTERISTICS (TA = 0°C to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
tr, tf
Output Rise/Fall Time
0.10
1.0
ns
0.8 to 2.0V
Note 4.
tpw
Output Duty Cycle
PLL Mode
tcycle/2 –
400
tcycle/2 +
400
ps
Note 4.
tsk(O)
Output–to–Output Skews (Relative to QFB)
200
ps
Note 4.
fVCO
PLL VCO Lock Range
200
400
MHz
fmax
Maximum Output Frequency
PLL Mode
(Note 4.)
PLL Mode
Bypass Mode
50
100
100
200
200
MHz
VCO_SEL = ‘1’
VCO_SEL = ‘0’
tpd(lock)
Input to Ext_FB Delay (with PLL Locked @ 100MHz)
–70
130
ps
Note 4.
tpd(bypass)
Input to Q Delay
3.0
7.0
ns
PLL Bypassed
tPLZ,HZ
Output Disable Time
7
ns
tPZL
Output Enable Time
6
ns
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
100
ps
Note 4.
tlock
Maximum PLL Lock Time
10
ms
4. Termination of 50
W to VCC/2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com