Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 4 Page - Formosa MS

Part # HER201
Description  Axial Leaded High Effciency Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

HER201 Datasheet(HTML) 4 Page - Formosa MS

  HER201_17 Datasheet HTML 1Page - Formosa MS HER201_17 Datasheet HTML 2Page - Formosa MS HER201_17 Datasheet HTML 3Page - Formosa MS HER201_17 Datasheet HTML 4Page - Formosa MS HER201_17 Datasheet HTML 5Page - Formosa MS HER201_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Pinning information
1
2
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Page 4
2
1
Taping & bulk specifications for AXIAL devices
52.4mm
A
OFF Center
both sids
1.0mm
6.3mm
Max OFF
Alignment
1.2mm
72mm DIA.
355mm
17mm DIA.
55mm Max.
17mm DIA.
71mm Max.
REEL PACKING
DO-15
4,000
5 mm
380 * 340 * 370
16,000
9.9
AMMO PACKING
DO-15
3,000
260 * 83 * 160
440 * 270 * 340
30,000
14.3
Formosa MS
HER201 THRU HER208
Marking
Type number
Marking code
HER201
HER201
HER202
HER202
HER203
HER203
HER204
HER204
HER205
HER205
HER206
HER206
HER207
HER207
HER208
HER208
Document ID
Issued Date
Revised Date
Revision
Page.
DEVICE
CASE
TYPE
Q'TY 1
(PCS / REEL)
COMPONENT
SPACING
"A" in FIG. A
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
DEVICE
CASE
TYPE
Q'TY 1
(PCS / BOX)
INNER
BOX SIZE
CARTON
SIZE
Q'TY 2
(PCS / CARTON)
APPROX.
CROSS
WEIGHT(kg)
(m/m)
(m/m)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222307
2008/02/10
2010/03/10
C
6
Axial Leaded High Effciency Rectifiers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com