Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2111 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # MSA2111
Description  Cascadable Silicon Bipolar MMIC Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MSA2111 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  MSA2111 Datasheet HTML 1Page - Agilent(Hewlett-Packard) MSA2111 Datasheet HTML 2Page - Agilent(Hewlett-Packard) MSA2111 Datasheet HTML 3Page - Agilent(Hewlett-Packard) MSA2111 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cascadable Silicon Bipolar
MMIC Amplifier
Technical Data
Features
• Cascadable 50
Ω Gain Block
• Medium Power:
10 dBm at 900 MHz
• High Gain:
16.5 dB Typical at 900 MHz
• Low Noise Figure:
3.3 dB Typical at 900 MHz
• Low Cost Surface Mount
Plastic Package
• Tape-and-Reel Packaging
Option Available[1]
MSA-2111
SOT-143 Package
Description
The MSA-2111 is a low cost silicon
bipolar Monolithic Microwave
Integrated Circuit (MMIC) housed
in a surface mount plastic
SOT-143 package. This MMIC is
designed for use as a general
purpose 50
Ω gain block. Typical
applications include narrow and
broad band IF and RF amplifiers
in commercial and industrial
applications.
The MSA-series is fabricated using
Agilent’s 10 GHz fT, 25 GHz fMAX,
silicon bipolar MMIC process
which uses nitride self-alignment,
ion implantation, and gold metalli-
zation to achieve excellent
performance, uniformity and
reliability. The use of an external
bias resistor for temperature and
current stability also allows bias
flexibility.
Typical Biasing Configuration
C block
C block
R bias
V
CC > 5 V
Vd = 3.6 V
RFC (Optional)
IN
OUT
MSA
Note:
1. Refer to PACKAGING section “Tape-
and-Reel Packaging for Semiconduc-
tor Devices.”


Similar Part No. - MSA2111

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA2 MERITEK-MSA2 Datasheet
93Kb / 2P
Surge Absorber (Spark Gap)
MSA2-M MERITEK-MSA2-M Datasheet
89Kb / 1P
Surge Absorber (Spark Gap)
logo
Fairchild Semiconductor
MSA20 FAIRCHILD-MSA20 Datasheet
132Kb / 11P
Octal Bi-Directional Transceiver with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
122Kb / 10P
Octal Transparent Latch with 3-STATE Outputs
MSA20 FAIRCHILD-MSA20 Datasheet
79Kb / 8P
Octal Transparent Latch with 3-STATE Outputs
More results

Similar Description - MSA2111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com