Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBR3045CT
Description  Schottky Barrier Diode in a TO-220 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBR3045CT Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBR3045CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBR3045CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBR3045CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBR3045CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBR3045CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBR3045CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR3045CT
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
VRRM
45
V
Peak Repetitive Forward Current
IF(AV)
15
A
IF(AV) total device
30
A
Non-Repetitive Peak Forward Surge Current
IFSM
200
A
Repetitive Peak Reverse Surge Current
IRRM
2.0
A
Thermal Resistance Junction to Case
RθJc
1.5
/W
℃
Junction Temperature Range
Tj
150
℃
Storage Temperature Range
Tstg
-65~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Forward Voltage
VF
IF=30A(Tc=25 )
℃
0.76
V
IF=20A(Tc=125 )
℃
0.60
V
IF=30A(Tc=125 )
℃
0.72
V
Instantaneous Reverse Current
IR
TJ=25℃
1.0
mA
TJ=125℃
60
mA
Voltage Rate of Change
dv/dt
10000
V/μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com