Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4503 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4503
Description  Asynchronous Boost Converter for 10 WLEDs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4503 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4503 Datasheet HTML 1Page - Richtek Technology Corporation RT4503 Datasheet HTML 2Page - Richtek Technology Corporation RT4503 Datasheet HTML 3Page - Richtek Technology Corporation RT4503 Datasheet HTML 4Page - Richtek Technology Corporation RT4503 Datasheet HTML 5Page - Richtek Technology Corporation RT4503 Datasheet HTML 6Page - Richtek Technology Corporation RT4503 Datasheet HTML 7Page - Richtek Technology Corporation RT4503 Datasheet HTML 8Page - Richtek Technology Corporation RT4503 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RT4503/A
www.richtek.com
DS4503/A-03
June 2015
©
Copyright
2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
FB
Feedback Voltage Input. Place a resistor between this pin and GND to set
the current.
COMP (RT4503)
Connect an External Capacitor to this Pin.
2
NC (RT4503A)
No Internal Connection.
3,
7 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected
to GND for maximum thermal dissipation.
4
LX
Switch Node. Connect the pin to the switch side of the inductor.
5
EN
Enable Control Input and Pulse Dimming Input.
6
VIN
Supply Voltage Input.
WDFN-6L 2x2
(TOP VIEW)
FB
NC
VIN
EN
LX
GND
5
4
1
2
3
6
7
Pin Configurations
RT4503
WDFN-6L 2x2
RT4503A
FB
COMP
VIN
EN
LX
GND
5
4
1
2
3
6
7
Marking Information
1TW
1T : Product Code
W : Date Code
RT4503GQW
2R : Product Code
W : Date Code
RT4503AGQW
2RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com