Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4531 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4531
Description  Dual Channel 10s2p WLED Drivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4531 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4531 Datasheet HTML 1Page - Richtek Technology Corporation RT4531 Datasheet HTML 2Page - Richtek Technology Corporation RT4531 Datasheet HTML 3Page - Richtek Technology Corporation RT4531 Datasheet HTML 4Page - Richtek Technology Corporation RT4531 Datasheet HTML 5Page - Richtek Technology Corporation RT4531 Datasheet HTML 6Page - Richtek Technology Corporation RT4531 Datasheet HTML 7Page - Richtek Technology Corporation RT4531 Datasheet HTML 8Page - Richtek Technology Corporation RT4531 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RT4531
www.richtek.com
DS4531-01
July 2016
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
WL-CSP-9B 1.35x1.35 (BSC)
(TOP VIEW)
Pin Configurations
Marking Information
33W
33 : Product Code
W : Date Code
ISET
EN
IFB1
GND
SW
PWM
AGND
A1
A2
A3
B3
B1
C1
C2
C3
B2
Pin No.
Pin Name
Pin Function
A1
ISET
Full-Scale LED Current Set Pin. Connecting a resistor to the pin programs the
full-scale LED current.
A2
IFB2
Single Output 2 for Backlight LED.
A3
IFB1
Single Output 1 for Backlight LED.
B1
PWM
Enable Control, and PWM Dimming Signal Input.
B2
AGND
Analog Ground.
B3
GND
Power Ground.
C1
EN
Enable Control, and 1-Wire Dimming Signal Input.
C2
VIN
Supply Input Pin.
C3
SW
Switch Node of Boost Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com