Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9174AE Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9174AE
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174AE Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9174AE Datasheet HTML 1Page - Mitel Networks Corporation MT9174AE Datasheet HTML 2Page - Mitel Networks Corporation MT9174AE Datasheet HTML 3Page - Mitel Networks Corporation MT9174AE Datasheet HTML 4Page - Mitel Networks Corporation MT9174AE Datasheet HTML 5Page - Mitel Networks Corporation MT9174AE Datasheet HTML 6Page - Mitel Networks Corporation MT9174AE Datasheet HTML 7Page - Mitel Networks Corporation MT9174AE Datasheet HTML 8Page - Mitel Networks Corporation MT9174AE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MT9173/74
Preliminary Information
9-138
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
24
28
12
LOUT
Line Out. Transmit Signal output (Analog). Referenced to VBias.
23
VBias
Internal Bias Voltage output. Connect via 0.33
µF decoupling capacitor to V
DD.
34
VRef
Internal Reference Voltage output. Connect via 0.33
µF decoupling capacitor to V
DD.
4,5,
6
5,7,
8
MS2-MS0 Mode Select inputs (Digital). The logic levels present on these pins select the various
operating modes for a particular application. See Table 1 for the operating modes.
7
9
RegC
Regulator Control output (Digital). A 512 kHz clock used for switch mode power
supplies. Unused in MAS/MOD mode and should be left open circuit.
8
10
RxSB
Receive Sync Bit output (Digital). In DN mode, this output is held high until receive
synchronization occurs (i.e., until the sync bit in Status Register =1). Once low,
indicating synchronized transmission, a high going pulse (6.24
µs wide pulse @ 160
kb/s and 12.5
µs wide @ 80 kb/s) indicates the temporal position of the receive
"SYNC" bit in the biphase line transmission. Inactive and low in MOD mode.
911
F0/CLD
Frame Pulse/C-Channel Load (Digital). In DN mode a 244 ns wide negative pulse
input for the MASTER indicating the start of the active channel times of the device.
Output for the SLAVE indicating the start of the active channel times of the device.
Output in MOD mode providing a pulse indicating the start of the C-channel.
10
12
CDSTi/
CDi
Control/Data ST-BUS In/Control/Data In (Digital). A 2.048 Mbit/s serial control &
signalling input in DN mode. In MOD mode this is a continuous bit stream at the bit
rate selected.
11
13
CDSTo/
CDo
Control/Data ST-BUS Out/Control/Data Out (Digital). A 2.048 Mbit/s serial control &
signalling output in DN mode. In MOD mode this is a continuous bit stream at the bit
rate selected.
12
14
VSS
Negative Power Supply (0V).
13
15
DSTo/Do
Data ST-BUS Out/Data Out (Digital). A 2.048 Mbit/s serial PCM/data output in DN
mode. In MOD mode this is a continuous bit stream at the bit rate selected.
14
16
DSTi/Di
Data ST-BUS In/Data In (Digital). A 2.048 Mbit/s serial PCM/data input in DN mode.
In MOD mode this is a continuous bit stream at the bit rate selected.
28 PIN PLCC
5
6
7
8
9
10
11
25
24
23
22
21
20
19
•
NC
LOUT DIS
Precan
OSC1
OSC2
NC
C4/TCK
MS2
NC
MS1
MS0
RegC
F0/CLD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
24 PIN PDIP/ SSOP
LOUT
VBias
VRef
MS2
MS1
MS0
RegC
F0/CLD
CDSTi/CDi
CDSTo/CDo
VSS
RxSB
VDD
LIN
TEST
LOUT DIS
Precan
OSC1
OSC2
C4/TCK
F0o/RCK
DSTi/Di
DSTo/Do
NC
RxSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com