Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-22A103DF100 Datasheet(PDF) 1 Page - Kemet Corporation

Part # AL-22A103DF100
Description  Board Mounting or Solder Tag Terminations
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

AL-22A103DF100 Datasheet(HTML) 1 Page - Kemet Corporation

  AL-22A103DF100 Datasheet HTML 1Page - Kemet Corporation AL-22A103DF100 Datasheet HTML 2Page - Kemet Corporation AL-22A103DF100 Datasheet HTML 3Page - Kemet Corporation AL-22A103DF100 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BHC Aerovox
LTD.
-
A L U M I N I U M
E L E C T R O L Y T I C
C A P A C I T
O R S
Board Mounting or Solder Tag Terminations
Capacitance range .................
47µF to 150,000µF
Capacitance tolerance ............
±20%
Voltage range .........................
10V to 450V d.c.
Temperature range .................
-40°C to +85°C
Case sizes ...............................
25 x 35mm to 40 x 105mm
This range of Long Life grade capacitors features a
very high CV per unit volume with low e.s.r. and
impedance values and high ripple currents.
They are ideally suited for use in industrial and
commercial applications such as switch mode
power supplies and energy storage circuits.
DIMENSIONS (sleeved) mm
CASE
D
L
MOUNTING CLIP
CODE
±1
±2
FOR ALT STYLE
AA
25
35
V2/H1
AB
25
45
V2/H1
BB
30
45
-
CB
35
45
V3/H2
CD
35
55
V3/H2
DB
40
45
V9
DD
40
55
V9
DE
40
75
V9
DF
40
105
V9
ALT
Tag style
ALP
Pin style
ALT23
Stud
Mounting
ALP/T22 SERIES
Max torque: stud M8:4NM
Terminations and Mounting
ALT styles are designed for flying lead connection.
ALP styles are designed for printed circuit board
mounting to DIN 41238. For details see page 51.
For details of mounting clips and stud mounting kits see
page 68/69.
25mm dia can
30mm dia can
Hole 1 represents +ve
35mm dia can
40mm dia can
ALP
Pin configurations
48


Similar Part No. - AL-22A103DF100

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
AL-24W-K FUJITSU-AL-24W-K Datasheet
690Kb / 8P
MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
AL-24W-K LITEON-AL-24W-K Datasheet
690Kb / 8P
MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
IRC - a TT electronics ...
AL-2510RDBLF IRCTT-AL-2510RDBLF Datasheet
252Kb / 2P
Chassis Mounted Power Wirewound Resistor
AL-2510RDDLF IRCTT-AL-2510RDDLF Datasheet
252Kb / 2P
Chassis Mounted Power Wirewound Resistor
AL-2510RDFLF IRCTT-AL-2510RDFLF Datasheet
252Kb / 2P
Chassis Mounted Power Wirewound Resistor
More results

Similar Description - AL-22A103DF100

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT-025-1 HIROSE-HT-025-1 Datasheet
305Kb / 5P
Stripline Mounting Non-reflective Terminations
logo
Vishay Siliconix
DF030070 VISHAY-DF030070 Datasheet
139Kb / 3P
Feed-Through Capacitors, Tag Mounting
21-Nov-01
T.020030 VISHAY-T.020030 Datasheet
118Kb / 3P
Pot Capacitors, Tag Mounting
17-Nov-01
T.030090 VISHAY-T.030090 Datasheet
146Kb / 3P
Pot Capacitors, Tag Mounting
21-Feb-02
T.050120 VISHAY-T.050120 Datasheet
137Kb / 3P
Pot Capacitors, Tag & Flange Mounting
21-Jan-02
T.085120 VISHAY-T.085120 Datasheet
140Kb / 3P
Pot Capacitors, Tag & Flange Mounting
22-Nov-01
logo
Kemet Corporation
ALN20S KEMET-ALN20S Datasheet
418Kb / 2P
4 Pin Solder tag
logo
WECO ELECTRICAL CONNECT...
321-LFS WECO-321-LFS Datasheet
155Kb / 1P
Screw/solder terminal strip Screw/solder tag connection, side of solder tag closed, pottable
04.19
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
951-A-LFDS WECO-951-A-LFDS Datasheet
113Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com