Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRI1045 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBRI1045
Description  Schottky Barrier Diode in a TO-251 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRI1045 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRI1045 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRI1045 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRI1045 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRI1045 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRI1045 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRI1045 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRI1045
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
VRRM
VRWM
45
V
Reverse Voltage
VR
45
V
Average Rectified Forward Current
IF(AV)
10
A
Non Repetitive Peak Surge Current
IFSM
100
A
Junction Temperature Range
Tj
150
℃
Storage Temperature Range
Tstg
-65~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
VR
IR =1mA
45
V
Peak Forward Voltage
VFM
IF =5A(TC=25℃)
0.41
0.49
V
IF =5A(TC=125℃)
0.37
0.41
V
IF =10A(TC=25℃)
0.47
0.55
V
Instantaneous Reverse Current
IRM
VR=40V(TC=25℃)
0.50
mA
VR=40V(TC=125℃)
50
mA
Voltage Rate of Change
dv/dt
10000
V/μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com