Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2658LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SD2658LS
Description  2SD2685LS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD2658LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SD2658LS Datasheet HTML 1Page - Sanyo Semicon Device 2SD2658LS Datasheet HTML 2Page - Sanyo Semicon Device 2SD2658LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2658LS
No.7168-2/3
35
2
1.0
7
35
2
0.1
7
1.0
35
2
0.1
73
5
27
35
2
1.0
7
35
2
0.1
7
3
2
1.0
35
2
0.1
7
0.1
5
7
2
3
1.0
5
7
2
3
0.1
5
7
2
3
1.0
10
5
7
2
3
VCE(sat) -- IC
コレクタ電流, IC -- A
IC -- VBE
ベース・エミッタ電圧, VBE -- V
VCE=5V
2
1.0
5
7
3
10
2
3
3
5
1.0
5
7
2
3
0.1
7
5
2
3
Ta=120
°C
25°
C
--40
°C
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
hFE -- IC
コレクタ電流, IC -- A
IC / IB=5
SW Time -- IB2
ベース電流, IB2 -- A
tstg
tf
SW Time -- IC
コレクタ電流, IC -- A
IC / IB1=5
IB2 / IB1=2
R負荷
IC=1.2A
IB1=0.24A
R負荷
tstg
tf
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0123456789
10
IB=0
0.5A
0.4A
0.3A
0.1A
0.2A
0.9A
0.7A
0.8A
0.6A
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VCE=5V
IT02805
IT02806
IT02803
IT02804
IT02807
IT02808
Ta= --40°C
25°C
120°C
前ページより続く。
min
typ
max
unit
ダイオード順電圧
VF
IEC=3A
2
V
下降時間
tf
IC=1.2A, IB1=0.24A, IB2= − 0.48A
0.3
µs
スイッチングタイム測定回路図
VR
RB
VCC=200V
VBE= --2V
+
+
50
Ω
INPUT
OUTPUT
RL=167Ω
100
µF
470
µF
PW=20
µs
IB1
D.C.
≦1%
IB2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com