Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32TSOP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # 32TSOP
Description  PACKAGE RELIABILITY REPORT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

32TSOP Datasheet(HTML) 3 Page - Maxim Integrated Products

  32TSOP Datasheet HTML 1Page - Maxim Integrated Products 32TSOP Datasheet HTML 2Page - Maxim Integrated Products 32TSOP Datasheet HTML 3Page - Maxim Integrated Products 32TSOP Datasheet HTML 4Page - Maxim Integrated Products 32TSOP Datasheet HTML 5Page - Maxim Integrated Products 32TSOP Datasheet HTML 6Page - Maxim Integrated Products 32TSOP Datasheet HTML 7Page - Maxim Integrated Products 32TSOP Datasheet HTML 8Page - Maxim Integrated Products 32TSOP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
The calculated failure rate for this device/process is:
The parameters used to calculate this failure rate are as follows:
Cf: 60%
Ea: 0.7
B: 0
Tu: 25
Vu: 5.5
°C
Volts
The reliability data follows. Some of the data in this report may be generic. A the start of this data is
a description of the assembly vehicle used to generate this reliability data. The next section is the
detailed reliability data for each stress. If there are additional assemblies used as part of this report,
a description of each will follow which includes the respective reliability data for that assembly.
Where appropriate, preconditioning is performed before all stresses and the bond crater test unless
otherwise noted. The reliability data section includes the latest data available.
Failure Rates are reported in FITs (Failures in Time) or MTTF (Mean Time To Failure). The FIT rate
is related to MTTF by:
MTTF = 1/Fr
NOTE: MTTF is frequently used interchangeably with MTBF.
FITS:
3.0
MTTF (YRS): 37651
FAILURE RATE:
Assembly Site:
ASE
Body Size:
8x13.4x0.965
Pin Count:
28
Package Type:
TSOP
Lead Frame:
Stamped Alloy 42
Assembly Information:
Lead Finsh:
Sn Plate 100% Matte
Mold Compound:
Sumitomo G700
Die Attach:
Sumitomo 1076 DS
Bond Wire / Size:
Au / 1.0 mil
Moisture Sensitivity
(JEDEC J-STD20A)
Level 3
Flammability:
UL 94-V0
0429
0429
to
Date Code Range:
Theta JA:
Theta JC:
PACKAGE TESTS
DESCRIPTION
READPOINT
CONDITION
QTY FAILS
DATE CODE
FA#
JESD22-B102
15
0
SOLDERABILITY
0429
0
Total:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com