Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN874 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # AN874
Description  Using the MAX6950 and the MAX6951 LED Display Drivers with Multiplex Dual-Digit Displays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN874 Datasheet(HTML) 4 Page - Maxim Integrated Products

  AN874 Datasheet HTML 1Page - Maxim Integrated Products AN874 Datasheet HTML 2Page - Maxim Integrated Products AN874 Datasheet HTML 3Page - Maxim Integrated Products AN874 Datasheet HTML 4Page - Maxim Integrated Products AN874 Datasheet HTML 5Page - Maxim Integrated Products AN874 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LED
Digit
1
Discrete
LED anode
(cathode to
CC0)
CC1
SEG g
SEG f
SEG e
SEG d
SEG c
SEG b
SEG
a
LED
Digit
2
SEG f
SEG g
CC2
Discrete
LED anode
(cathode to
CC3)
SEG e
SEG d
SEG c
SEG b
SEG
a
LED
Digit
3
SEG f
SEG g
Discrete
LED anode
(cathode to
CC2)
CC3
SEG e
SEG d
SEG c
SEG b
SEG
a
LED
Digit
4
SEG d
SEG g
SEG f
SEG e
CC4
Discrete
LED anode
(cathode to
CC5)
SEG c
SEG b
SEG
a
LED
Digit
5*
SEG d
SEG g
SEG f
SEG e
Discrete
LED anode
(cathode to
CC4)
CC5
SEG c
SEG b
SEG
a
LED
Digit
6*
SEG b
SEG g
SEG f
SEG e
SEG d
SEG c
CC6
Discrete
LED anode
(cathode to
CC7 )
SEG
a
LED
Digit
7*
SEG b
SEG g
SEG f
SEG e
SEG d
SEG c
Discrete
LED anode
(cathode to
CC6)
CC7
SEG
a
*These digits are not available for the MAX6950.
The second solution can be used if all digits' segments are required. This time, hexadecimal-decode
operation can be selected because the standard segment connection pattern is used (Table 4). The
penalty for this configuration is that one diode is required per digit (Figure 2). Each diode is passing
only one segment's current, so it can be a low-cost single signal diode like 1N4148, BAS16 (silicon), or
BAT54, BAR43 (Schottky). Better still, use surface mount dual common-cathode diodes like BAV70
(silicon) and BAT54C (Schottky). The minimum supply voltage to the MAX6950/MAX6951 must also be
raised by the selected diode's forward voltage drop: typically 1.0V for a silicon signal diode or 0.4V for
a Schottky signal diode at 50mA.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com