Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P6KA13
Description  Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA13 Datasheet(HTML) 3 Page - Vishay Siliconix

  P6KA13 Datasheet HTML 1Page - Vishay Siliconix P6KA13 Datasheet HTML 2Page - Vishay Siliconix P6KA13 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
Document Number 88368
www.vishay.com
06-May-02
3
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
0
25
50
75
100
0
75
25
50
100
125
150
175
200
TA — Ambient Temperature (
°C)
1
10
100
Fig. 2 – Pulse Derating Curve
Fig. 1 – Peak Pulse Power Rating Curve
0.1
1
10
100
0.1
µs
1.0
µs10µs
td — Pulse Width (sec.)
100
µs
1.0ms
10ms
Fig. 5 – Steady State Power
Derating Curve
Non-repetitive Pulse
Waveform shown in Fig. 3
TA = 25°C
Fig. 6 - Maximum Non-Repetitive /Peak
Forward Surge Current
Number of Cycles at 60HZ
10
100
1,000
6,000
10
1.0
100
200
V(BR) — Breakdown Voltage (V)
TJ = 25
°C
f = 1.0MHz
Vsig = 50mVp-p
10
100
200
TL = 75°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
Measured at
Stand-Off
Voltage, VWM
Measured at
Zero Bias
0
1.25
2.5
3.75
5.0
0
75
25
100
125
150
175
200
1.6 x 1.6 x 0.040"
(40 x 40 x 1mm)
Copper Heat Sinks
Fig. 4 – Typical Junction Capacitance
TL — Lead Temperature (
°C)
50
60HZ Resistive
or Inductive Load
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10
µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000
µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
L = 0.375" (9.5mm)
Lead Lengths



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com