Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-SC Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-SC
Description  4 Watt Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-SC Datasheet(HTML) 2 Page - Recom International Power

  RAC04-SC Datasheet HTML 1Page - Recom International Power RAC04-SC Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RAC04-xxC
Series
POWERLINE
AC/DC-Converter
Package Style and Pinning
Specifications (measured at TA 25°C, nominal input voltage, full load after warm-up)
Pin Connections
Pin #
Single Out
1
VAC in (L)
3
VAC in (N)
13
NC
14
-VDC out
16
+VDC out
Tolerance ±0.5mm
Unless otherwise specified
37.80
6.10
5.0
23.90
1.0
1
313
14
16
13
13
14
16
Recommendend Footprint Details
Bottom View
2.54
2.54
1.20 +0.2/-0.1
0.75+0.25
-
16.40+0.25
-
15.65
5.08
17.78
23.90
Leave
Clear
of PCB
Traces
8.89
8.89
11.95
Application Note
L
N
Fuse 1-1.5A
MOV
VAC(L)
VAC(N)
Vout+
Vout-
Recommended external input fuse 1.0 - 1.5A / slow blow type.
An external MOV is required for 230VAC operation. (MOV model: shall comply with IEC61051-2, e.g. Epcos S14 Series)
70%
65%
80%
20%
10%
40%
60%
80%
100%
230VAC in (%)
75%
Load (%)
3.3V
30%
50%
70%
90%
24V
5V
12V
230VAC
115VAC
70%
65%
80%
20%
10%
40%
60%
80%
100%
115VAC in (%)
75%
Load (%)
3.3V
30%
50%
70%
90%
24V
5V
12V
Input Voltage Derating Graph
70%
Input Voltage (VAC) Ta=25°C
80
130
280
180
230
80%
90%
100%
90V, 100%
264V, 100%
80V, 85%
Notes:
1. Measured @230VAC / 50Hz
2. If used @ 115VAC / 60Hz with full load, please contact RECOM for detailed information.
3. To measure the output ripple & noise with short runs by 0.1uF/50V@20MHz, nominal input and full load.
4. Start up only is guaranteed at temperatures down to -25°C. Other specifications may not be met.
Physical
Dimension (LxWxH)
37.80 x 23.90 x 16.40 mm
MTBF (+25°C)
MIL-HDBK-217F
500 * 10
3 hours
EMI
Conducted and Radiated
EN55022, Class B
Noise Immunity
EN55024
Safety Standard
CB
Report Number: 1111070-CB
IEC-60950-1, 2nd Edition
UL General Safety
Report Number: E224736-A5-UL
UL-60950-1, 2nd Edition
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
www.recom-power.com
PA-17
REV: 1/2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com