Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-3.3SC/277 Datasheet(PDF) 2 Page - Recom International Power

Part # RAC04-3.3SC/277
Description  4 Watt Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-3.3SC/277 Datasheet(HTML) 2 Page - Recom International Power

  RAC04-3.3SC/277 Datasheet HTML 1Page - Recom International Power RAC04-3.3SC/277 Datasheet HTML 2Page - Recom International Power RAC04-3.3SC/277 Datasheet HTML 3Page - Recom International Power RAC04-3.3SC/277 Datasheet HTML 4Page - Recom International Power RAC04-3.3SC/277 Datasheet HTML 5Page - Recom International Power RAC04-3.3SC/277 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Operating Frequency
full load
67kHz
Efficiency
see Selection Guide
Minimum Load
RAC04-0512DC/277(-E)
All Others
±5% / ±0%
0%
Output Ripple and Noise (4)
200mVp-p
continued on next page
PA-2
REV.: 3/2016
www.recom-power.com
AC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
RAC04-C/277
Series
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
80
0
0
10
20
30
40
50
60
70
90
100
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
Output Current (%)
RAC04-3.3SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-12SC/277 (-E)
RAC04-24SC/277 (-E)
RAC04-05DC/277 (-E)
RAC04-12DC/277 (-E)
RAC04-0512D/277 (-E)
80
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-05SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-15SC/277 (-E)
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
80
0
0
10
20
30
40
50
60
70
90
100
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
Output Current (%)
RAC04-3.3SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-12SC/277 (-E)
RAC04-24SC/277 (-E)
RAC04-05DC/277 (-E)
RAC04-12DC/277 (-E)
RAC04-0512D/277 (-E)
80
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-05SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-15SC/277 (-E)
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
80
0
0
10
20
30
40
50
60
70
90
100
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
Output Current (%)
RAC04-3.3SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-12SC/277 (-E)
RAC04-24SC/277 (-E)
RAC04-05DC/277 (-E)
RAC04-12DC/277 (-E)
RAC04-0512D/277 (-E)
80
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-05SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-15SC/277 (-E)
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
115VAC
230VAC
277VAC
80
0
0
10
20
30
40
50
60
70
90
100
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
0
0
50
40
30
20
10
80
70
60
0
50
40
30
20
10
80
70
60
Output Current (%)
RAC04-3.3SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-12SC/277 (-E)
RAC04-24SC/277 (-E)
RAC04-05DC/277 (-E)
RAC04-12DC/277 (-E)
RAC04-0512D/277 (-E)
80
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-05SC/277 (-E)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
0
50
40
30
20
10
80
70
60
80
0
10
20
30
40
50
60
70
90
100
Output Current (%)
RAC04-15SC/277 (-E)
Efficiency vs. Load
Notes:
Note4:
Ripple and Noise is measured at 20MHz bandwidth and with a 47µF low-ESR electrolytic
capacitor in parallel with a 0.1µF ceramic capacitor across output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com