Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC04-12SC/277 Datasheet(PDF) 1 Page - Recom International Power

Part # RAC04-12SC/277
Description  4 Watt Single and Dual Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC04-12SC/277 Datasheet(HTML) 1 Page - Recom International Power

  RAC04-12SC/277 Datasheet HTML 1Page - Recom International Power RAC04-12SC/277 Datasheet HTML 2Page - Recom International Power RAC04-12SC/277 Datasheet HTML 3Page - Recom International Power RAC04-12SC/277 Datasheet HTML 4Page - Recom International Power RAC04-12SC/277 Datasheet HTML 5Page - Recom International Power RAC04-12SC/277 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PA-1
REV.: 3/2016
www.recom-power.com
AC/DC Converter
3 YEAR
warranty
3
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm-up)
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
80VAC
113VDC
277VAC
390VDC
305VAC
430VDC
Input Current
full load, 115VAC
full load, 230VAC
98mA
64mA
Inrush Current
cold start at 25°C, 115VAC
cold start at 25°C, 230VAC
15A
30A
No load Power Consumption
80-305VAC, 50/60Hz
50mW
Input Frequency Range
AC Input
47Hz
440Hz
Hold-up time
115VAC
15ms
continued on next page
Description
The RAC04-xxS_DC/277 series are fully certified single and dual regulated AC/DC converters in an encapsulated
PCB-mount package style with 3.75kVAC isolation and very low stand-by power consumption. The modules are
suitable for worldwide use due to their wide input voltage range from 80VAC to 305VAC. Possible uses include
home automation, standby applications and industrial controls.
Features
Regulated
Converters
• 50mW max. No Load Power Consumption
• High Efficiency up to 79%
• Isolated Output 3.75kVAC / 1 min
• SCP, OVP Protection
• Wide Operating Temperature Range:
-40°C to +80°C (only with suffix „-E“)
• Universal Input 80-305VAC
4 Watt
Single and
Dual Output
RAC04-C/277
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load (1+2)
(VAC)
(VDC)
(mA)
(%)
(µF)
RAC04-3.3SC/277(3)
80-305
3.3
1200
72
10000
RAC04-05SC/277 (3)
80-305
5
800
75
7200
RAC04-12SC/277 (3)
80-305
12
333
78
1000
RAC04-15SC/277 (3)
80-305
15
267
79
820
RAC04-24SC/277 (3)
80-305
24
167
79
220
RAC04-0512DC/277 (3)
80-305
5/12
720/33
75
4700/100
RAC04-05DC/277 (3)
80-305
±5
±400
76
±3300
RAC04-12DC/277 (3)
80-305
±12
±166
78
±680
IEC-60950-1 Certified
EN-55024 Certified
EN-60950-1 Certified
UL-60950-1 Certified
E224736
Output Voltage
Single or Dual
RAC04-__ _C/277 -_
Notes:
Note3: with suffix “-E” for -40°C to +80°C operating temperature range
without suffix standard operating temperature range (-25°C to +80°C)
Notes:
Note1: Measured @ 230VAC/50Hz/Ta 25°C with constant resistant mode at full load.
Note2: If used @115VAC/60Hz with full load, max. capacitive load is less, please contact
RECOM for detailed information.
Temperature (3)
Ordering Examples:
e.g. RAC04-3.3SC/277-E, Single Output, with -40° to +80°C operating temperature range
e.g. RAC04-05DC/277, Dual Output with standard operating temperature range
Model Numbering


Similar Part No. - RAC04-12SC/277

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-12SC/277 RECOM-RAC04-12SC/277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
More results

Similar Description - RAC04-12SC/277

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04-05SA RECOM-RAC04-05SA Datasheet
123Kb / 2P
4 Watt Single/Dual Output
logo
RSG Electronic Componen...
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
4 Watt regulated single & dual output
logo
Recom International Pow...
RAC04-C RECOM-RAC04-C Datasheet
492Kb / 6P
4 Watt Single and Dual Output
RAC04-C-230 RECOM-RAC04-C-230 Datasheet
90Kb / 3P
4 Watt Single Dual Output
RAC04-C-277 RECOM-RAC04-C-277 Datasheet
453Kb / 6P
4 Watt Single and Dual Output
REC20-123.4S RECOM-REC20-123.4S Datasheet
356Kb / 6P
20 Watt Single and Dual Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
20 Watt Single and Dual Output
REC30-123.4S RECOM-REC30-123.4S Datasheet
380Kb / 7P
30 Watt Single and Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
30 Watt Single and Dual Output
RAC04-S-DC-230 RECOM-RAC04-S-DC-230 Datasheet
90Kb / 3P
4 Watt Single Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com