Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC10-S-DA Datasheet(PDF) 1 Page - Recom International Power

Part # RAC10-S-DA
Description  10 Watt Single/Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-S-DA Datasheet(HTML) 1 Page - Recom International Power

  RAC10-S-DA Datasheet HTML 1Page - Recom International Power RAC10-S-DA Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOT RECOMMENDED
FOR
NEW DESIGNS
10 Watt
Single/Dual
Output
Compact AC-DC Power Supply
10 Watt PCB Mount Package
Universal Input Voltage Range
3000VAC Isolation
Low Output Ripple and Noise
Short Circuit Protected
UL Certified, CE Marked
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Max.
Number
Range
Voltage
Current
Capacitive
(VAC)
(VDC)
(mA)
(%)
Load
RAC10-3.3SA
90-264
3.3
3000
65
70000µF
RAC10-05SA
90-264
5
2000
71
35000µF
RAC10-12SA
90-264
12
833
76
11000µF
RAC10-15SA
90-264
15
666
75
7000µF
RAC10-24SA
90-264
24
426
76
2300µF
RAC10-05DA
90-264
±5
±800
73
±22000µF
RAC10-12DA
90-264
±12
±380
75
±3000µF
RAC10-15DA
90-264
±15
±300
74
±2000µF
*add suffix “-E” for extended temperature range, e.g. RAC10-05SA-E
*add suffix "-ST” for screw terminal module e.g. RAC10-05SA-ST, RAC010-05DA-E-ST
Input Voltage Range
90-264VAC or 120-370VDC
Rated Power
10 Watts max.
Input Frequency Range (for AC Input)
47-440Hz
Input Current (full load)
115VAC/230VAC
200mA / 130mA max.
No Load Power Consumption
115VAC/230VAC
1.65W max.
Inrush Current (<2ms)
115VAC
10A max. (-E = 23A max.)
230VAC
20A max. (-E = 46A max.)
Leakage Current
0.75mA max.
Output Voltage Accuracy (Full load)
±2%
Line Voltage Regulation (low line, high line at full load)
±0.3% typ.
Load Voltage Regulation ( 5% to 100% full load )
±0.5% typ.
Output Ripple and Noise (20MHz limited)
Noise
0.5% Vout + 50mVp-p max.
Ripple
<0.2% Vout + 40mVp-p max.
Operating Frequency
100kHz typ.
Efficiency at Full Load
see table
RMS Isolation Voltage (input to output)
3kVAC / 1minute
Temperature Coefficient
±0.02%/°C typ.
Isolation Resistance
100 M
Ω min.
Short Circuit Protection
Hiccup, Automatic Restart
Operating Temperature Range
Standard
-25°C to +70°C
(free air convection, with derating)
Suffix -E
-40°C to +70°C
Storage Temperature Range
-40°C to +85°C
Humidity
95% RH max.
Case Material
Epoxy with Fibreglass (UL94V-0)
Package Weight
92g
Packing Quantity
5 pcs (-ST Version: 1 pc)
EMC
EN 55022 Class B / EN 50082-1
MTBF (+25°C)
using MIL-HDBK-217F
250 x 103 hours
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50
60 70 80 90
Natural Convection
-40
E-Version
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
Compact UL certified switching AC/DC power module for PCB,
screw-terminal connection or DIN-rail mounting.
UL-60950-1 Certified
E196683
RAC10-A
POWERLINE
AC/DC-Converter
with 3 year Warranty
RoHS
2011/65/EU
6/6
Refer to Application Notes
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-35
REV: 1/2014


Similar Part No. - RAC10-S-DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
10 Watt Single / Dual Output
More results

Similar Description - RAC10-S-DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
10 Watt Single & Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
10 Watt regulated single & dual output
logo
Recom International Pow...
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
10 Watt Single / Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
10 Watt Single & Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
10 Watt Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
10 Watt Single & Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
10 Watt Single / Dual Output
RP10-RAW RECOM-RP10-RAW Datasheet
813Kb / 8P
10 Watt DIP24 Single and Dual Output
REV.: 0/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com