Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC35-05SG/OF Datasheet(PDF) 2 Page - Recom International Power

Part # RAC35-05SG/OF
Description  35 Watt 4 x 2 Open Frame
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC35-05SG/OF Datasheet(HTML) 2 Page - Recom International Power

  RAC35-05SG/OF Datasheet HTML 1Page - Recom International Power RAC35-05SG/OF Datasheet HTML 2Page - Recom International Power RAC35-05SG/OF Datasheet HTML 3Page - Recom International Power RAC35-05SG/OF Datasheet HTML 4Page - Recom International Power RAC35-05SG/OF Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% typ.
Load Regulation
10%-100% load
±1.0% typ.
Line Regulation
±0.5% typ.
PROTECTIONS
Parameter
Condition
Value
Input Fuse
internal
T3.15A / 250V slow blow
Short Circuit Protection
continuous, auto recovery
Over Voltage Protection (OVP)
115-135% of Vout nominal
Latch OFF
Over Current Protection (OCP)
nom. Vout=
5VDC
12VDC
24VDC
48VDC
6.3A - 10.8A
3.15 - 5.4A
1.58 - 2.7A
0.78 - 1.35A
Hiccup Mode,
auto recovery
Class of Equipment
Class I
Isolation Voltage
tested for 1 minute
I/P to O/P
I/P to FG
O/P to FG
3kVAC
1.5kVAC
0.5kVDC
Isolation Capacitance
2200pF max.
Isolation Resistance
I/P to O/P
100M
Ω min.
Leakage Current
I/P to O/P
O/P to FG
0.25mA max.
3.5mA max.
Insulation Grade
reinforced
PA-2
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Efficiency vs. Load
RAC35-12SG/OF
RAC35-24SG/OF
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC35-G/OF
Series
0
0.5
1.0
1.5
2.5
2.0
3.0
0
0.5
1.0
1.5
Output Current [A]
0
20
40
60
80
100
Output Current [A]
0
20
40
60
80
100
90VAC
115VAC
230VAC
264VAC
90VAC
115VAC
230VAC
264VAC
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
with derating (see graph)
-25°C to +65°C
Temperature Coefficient
±0.03%/°C typ.
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com