Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC35-48SG/OF Datasheet(PDF) 3 Page - Recom International Power

Part # RAC35-48SG/OF
Description  35 Watt 4 x 2 Open Frame
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC35-48SG/OF Datasheet(HTML) 3 Page - Recom International Power

  RAC35-48SG/OF Datasheet HTML 1Page - Recom International Power RAC35-48SG/OF Datasheet HTML 2Page - Recom International Power RAC35-48SG/OF Datasheet HTML 3Page - Recom International Power RAC35-48SG/OF Datasheet HTML 4Page - Recom International Power RAC35-48SG/OF Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PA-3
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC35-G/OF
Series
Parameter
Condition
Value
Operating Humidity
non-condensing
20% - 90% RH
Operating Altitude (3)
5000m
Pollution Degree
PD2
Conformal Coating
provided
Shock
20G, 11ms, 3 times for X,Y,Z axis
MTBF
MIL-HDBK-217F G.B. +25°C
200 x 103 hours
10
0
-25
70
60 65
50
40
30
20
100
80
60
50
40
20
0
Ambient Temperature [°C]
1000
0
6000
5000
4000
3000
2000
100
80
60
40
20
0
Altitude [m]
+25°C Tamb
+50°C Tamb
Derating Graph
(@ Chamber and natural convection 0.1m/s)
Operating Altitude
(limitation E-Cap heatsink)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Information Technology Equipment, General Requirements for Safety
E196683
UL60950-1, 2nd Edition, 2014
CSA C22.2 No. 60950-1-07, 2nd Ed. 2014
Information Technology Equipment, General Requirements for Safety (LVD)
16BAS07018 11
EN60950-1, 2nd Edition, 2013
RoHS2
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Conditions
Standard / Criterion
Information technology equipment - Radio disturbance characteristics - Limits and
methods of measurement
without external filter
EN55022, A2:2011, Class B
Information technology equipment - Immunity characteristics - Limits and methods of
measurement
EN55024, 2010
ESD Electrostatic discharge immunity test
±4kV Contact
EN61000-4-2, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
EN61000-4-3, Criteria A
Fast Transient and Burst Immunity
AC Power Port: ±1kV
EN61000-4-4, Criteria A
Surge Immunity
AC Power
Port:
L-L ±1kV
L-PE ±2kV
N-PE ±2kV
EN61000-4-5, Criteria B
Immunity to conducted disturbances, induced by radio-frequency fields
AC Power Port: 3V
EN61000-4-6, Criteria A
Power Magnetic Field Immunity
50Hz, 1A/m
EN61000-4-8, Criteria A
Voltage Dips and Interruptions
Dips: >95% reduction
Interruption: >95%
EN61000-4-11, Criteria A
EN61000-4-11, Criteria C
Limits of Harmonic Current Emissions
EN61000-3-2, Criteria A
Voltage Fluctuations and Flicker in Public Low-Voltage Systems <=16A per phase
EN61000-3-3
Notes:
Note2: Recognized by UL for safe operation up to 5000m. High altitude operation may impact the performance and lifetime.
Contact RECOM tech support for advice



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com