Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAC48-05S/OF Datasheet(PDF) 1 Page - Recom International Power

Part # RAC48-05S/OF
Description  48 Watt Open Frame Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC48-05S/OF Datasheet(HTML) 1 Page - Recom International Power

  RAC48-05S/OF Datasheet HTML 1Page - Recom International Power RAC48-05S/OF Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERLINE
AC/DC-Converter
with 3 year Warranty
RAC48/OF
48 Watt
Open Frame
Single Output
Connector Set available
Class II Power Supply
Universal Input Voltage Range
compact 4“ x 2“ size
3kVAC Isolation
OCP, OVP, SCP
Standby Power ErP conform (<0.5W)
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Voltage Adj.
Output
Efficiency
Max.
Number
Range
Voltage Current Range
Range *
Power
typ.
Capacitive
(VAC)
(VDC)
(A)
(V)
(W)
%
Load
RAC48-05S/OF
90-264
5
0-8
4.8-5.2
40
79
18800µF
RAC48-12S/OF
90-264
12
0-4
11.4-12.6
48
82
18800µF
RAC48-15S/OF
90-264
15
0-3.2
14.2-16
48
84
12700µF
RAC48-24S/OF
90-264
24
0-2
23-25
48
85
4700µF
* refer to „Package Style and Pinning“
Input Voltage Range
90-264VAC or 127-370VDC
Rated Power
48 Watts max.
Input Frequency Range (for AC Input)
47-63Hz
Operating Frequency
65kHz typ.
Input Current (full load)
115VAC
1.5A max.
230VAC
1A max.
Inrush Current (Cold Start)
115VAC
30A typ.
230VAC
60A typ.
No Load Power Consumption
<0.5W
Start-up Time (at cold first start)
115VAC/230VAC
500ms
Rise Time
Full Load
<30ms
Hold Time
115VAC, Full Load
13ms typ.
230VAC, Full Load
60ms typ.
Leakage Current
240VAC
<0.75mA
Output Voltage Accuracy
24VDC
±1%
(includes Line-, Load-regulation and Set-up Tolerance)
05, 12, 15VDC
±2%
Output Ripple and Noise (20MHz limited)
5VDC
80mVp-p max.
12VDC
120mVp-p max.
15VDC
150mVp-p max.
(measured with 0.1μF & 47μF parallel capacitor)
24VDC
200mVp-p max.
Isolation Voltage
I/P to O/P
3kVAC / 1 minute
I/P to FG
1.5kVAC / 1 minute
O/P to FG
0.5kVAC / 1 minute
Isolation Resistance
500VDC
100 M
Ω
Short Circuit Protection
Hiccup Mode, Automatic Restart
Over Voltage Protection
5VDC
5.75-6.5VDC
12VDC
13.5-15VDC
15VDC
16.9-18.75VDC
Latch Mode, re-power on to recover
24VDC
27-30VDC
Over Load Protection
115-150% rated output power, Hiccup Mode, Automatic Restart
continued on next page
100
60
40
0
80
Ambient Temperature Range (°C)
20
0
50
70
50
-20
20
Description
Specifications (typical at 25°C and 230VAC)
The RAC48/OF series offers compact AC/DC open frame power supplies
with universal AC input (90-264VAC) and fully protected DC outputs which
are trimmable to compensate for voltage drops on the output connections.
The power supplies are CB, UL, and CE certified and ErP conform.
Uses include industry controls, test and measurement systems and energy
efficient products.
CB-Report
UL-60950-1 Certified
EN-60950-1 Certified
EN-55022 Certfied
EN-55024 Certified
E196683
RoHS
2011/65/EU
6/6
Derating-Graph
(Ambient Temperature)
www.recom-power.com
PA-53
REV: 3/2017


Similar Part No. - RAC48-05S/OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-05S/OF RECOM-RAC48-05S/OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC48-05S/OF RECOM-RAC48-05S/OF Datasheet
1Mb / 1P
Connector Set for RECOM Power Supply
More results

Similar Description - RAC48-05S/OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
15 Watt Single Output Open Frame SMD
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
15 Watt Single Output Open Frame SMD
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM06S CINCON-CFM06S Datasheet
234Kb / 2P
6 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM12S CINCON-CFM12S Datasheet
482Kb / 3P
12 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM25S CINCON-CFM25S Datasheet
463Kb / 3P
25 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM41S CINCON-CFM41S Datasheet
440Kb / 3P
40 WATT SINGLE OUTPUT AC-DC OPEN FRAME
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com