Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT09 Datasheet(PDF) 2 Page - Recom International Power

Part # RACT09
Description  9 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT09 Datasheet(HTML) 2 Page - Recom International Power

  RACT09 Datasheet HTML 1Page - Recom International Power RACT09 Datasheet HTML 2Page - Recom International Power RACT09 Datasheet HTML 3Page - Recom International Power RACT09 Datasheet HTML 4Page - Recom International Power RACT09 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
L-2
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, 240VAC, rated load unless otherwise specified)
PROTECTION
Parameter
Condition
Value
Input Fuse
fusible resistor
Short Circuit Protection (SCP)
Latch OFF, auto recovery after fault condition is removed
Over Voltage Protection (OVP)
RACT09-350
RACT09-500
RACT09-700
31VDC max.
25VDC max.
17VDC max.
Latch OFF, auto recovery
after fault condition is removed
Over Load Protection (OLP)
Latch OFF, auto recovery after fault condition is removed
Over Temperature Protection (OTP)
110°C
Latch OFF, auto recovery after fault condition is removed
Isolation Voltage
I/P to O/P
tested for 1 minute
3.75kVAC
Leakage Current
5mA max.
RACT09
Series
Maximum loading of automatic circuit breakers*
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
B
36
57
69
85
C
57
87
109
134
* @ 230VAC, 1Ohm, 90° phase angle and max. load
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating @ natural convection 0.1m/s (see graph)
-20°C to +50°C
Max. Case Temperature
at tc point
+80°C max.
Operating Humidity
non-condensing
5-85% RH
IP Rating
IP20
Pollution Degree
PD2
Design Lifetime
+25°C ambient
>30 x 10³ hours
continued on next page
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5% typ.
Load Regulation
5% max.
Line Regulation
5% max.
Parameter
Condition
Min.
Typ.
Max.
THD
full load
25%
Start-up Time
500ms
Internal Operating Frequency
60kHz
Output Ripple Current (1)
RACT09-350
RACT09-500
RACT09-700
175mA
350mA
900mA
Notes:
Note1: Measured at 20MHz BW by using a 12” twisted pair-wie terminated with a 0.1µF and 47µF capacitor parallel across output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com