Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT25 Datasheet(PDF) 1 Page - Recom International Power

Part # RACT25
Description  25 Watt TRIAC Dimmable Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT25 Datasheet(HTML) 1 Page - Recom International Power

  RACT25 Datasheet HTML 1Page - Recom International Power RACT25 Datasheet HTML 2Page - Recom International Power RACT25 Datasheet HTML 3Page - Recom International Power RACT25 Datasheet HTML 4Page - Recom International Power RACT25 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
L-1
REV.: 0/2017
www.recom-power.com
25 Watt
TRIAC
Dimmable
Single Output
AC/DC Converter
Features
TRIAC Dimmable
LED
Driver
• Triac –dimmable with leading or trailing
edge dimmers
• Class II with SELV output (no earth required)
• Extra-large screw terminals and integrated
cable clamps for easy installation
• Power factor corrected >0.95
• Dimming range 1..100%
• Compatible with a wide range of dimmers
RACT25
Description
The RACT25-xxx series are low cost, triac-dimmable, constant current 25W LED drivers available with
either 500mA, 700mA or 1.05A full-range outputs. The drivers are Class II (double insulated) meaning
no earth connection is required. The phase angle dimming works with leading or trailing edge dimmers.
The RACT25 is suitable for indoor locations up to 50°C ambient temperature and is certified for building
into furniture for applications such as dimmable shelf lighting, cove lighting or accent lighting. It is CE
marked (LVD + EMC + RoHS) and has IEC61347-1/IEC61347-2-13 CB report certification.
Selection Guide
Part
Input
Output
Output
Efficiency
Output
Number
Voltage Range
Voltage Range
Current
min. @rated load Power
[VAC]
[VDC]
[mA]
[%]
[W]
RACT25-500
198-264
25-50
500
85
25
RACT25-700
198-264
18-36
700
85
25
RACT25-1050
198-264
12-24
1050
84
25
3 YEAR
warranty
3
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
198VAC
230VAC
264VAC
Input Current
160mA
Inrush Current
full load
5A
No Load Power Consumption
1W
Input Frequency Range
50Hz
60Hz
Power Factor
full load
0.95
continued on next page
Specifications (measured @ ta= 25°C, 240VAC, rated load unless otherwise specified)
All LED Drivers may not be used without a load. They must be switched on the primary side only.
Noncompliance may damage the LED or reduce its lifetime.
Model Numbering
Output Current
Output Power
RACT25-____
M M
IEC/EN61347 Certified
IEC/EN61347-2-13 Certified
EN61547 Certified
EN62493 Certifed
EN55015 Compliant
CB Report


Similar Part No. - RACT25

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACT20 RECOM-RACT20 Datasheet
109Kb / 3P
20W Triac Dimmable LED Driver Selection Guide
RACT20-1050 RECOM-RACT20-1050 Datasheet
109Kb / 3P
20W Triac Dimmable LED Driver Selection Guide
RACT20-1050-US RECOM-RACT20-1050-US Datasheet
109Kb / 3P
20W Triac Dimmable LED Driver Selection Guide
RACT20-350 RECOM-RACT20-350 Datasheet
109Kb / 3P
20W Triac Dimmable LED Driver Selection Guide
RACT20-350-US RECOM-RACT20-350-US Datasheet
109Kb / 3P
20W Triac Dimmable LED Driver Selection Guide
More results

Similar Description - RACT25

ManufacturerPart #DatasheetDescription
logo
Power-One
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
DUAL OUTPUT, 25 WATT
logo
Phihong USA Inc.
PSA25L-033 PHIHONG-PSA25L-033 Datasheet
99Kb / 3P
25 Watt Single and Multiple Output
PSA25L-033 PHIHONG-PSA25L-033_14 Datasheet
78Kb / 3P
25 Watt Single and Multiple Output
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Recom International Pow...
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACT09 RECOM-RACT09 Datasheet
386Kb / 5P
9 Watt TRIAC Dimmable Single Output
RACT12 RECOM-RACT12 Datasheet
387Kb / 5P
12 Watt TRIAC Dimmable Single Output
RACT18 RECOM-RACT18 Datasheet
390Kb / 5P
18 Watt TRIAC Dimmable Single Output
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
logo
Recom International Pow...
RAC25-K-480 RECOM-RAC25-K-480 Datasheet
4Mb / 7P
25 Watt 3.2 x 1.8 Single Output
REV.: 0/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com