Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELI-DA01-R Datasheet(PDF) 3 Page - Recom International Power

Part # RELI-DA01-R
Description  1.6 Watt DALIConverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RELI-DA01-R Datasheet(HTML) 3 Page - Recom International Power

  RELI-DA01-R Datasheet HTML 1Page - Recom International Power RELI-DA01-R Datasheet HTML 2Page - Recom International Power RELI-DA01-R Datasheet HTML 3Page - Recom International Power RELI-DA01-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RELI-DA01/R
Series
LIGHTLINE
AC/DC-Converter
Typical Characteristics
Dimming Digits [1-254]
1
10
0
50
100
150
200
250
Default-Setting Log. 1-10V Dimming
DALI-COMMAND
Logarithmic Dimming; 1-10V
6
Recall MIN Level
257
DATA TRANSFER REGISTER (DTR) / Value: 0 dec
272
ENABLE DEVICE TYPE X / Value: 5 dec
224
QUERY APP EXT Cmd224
224
QUERY APP EXT Cmd224
272
ENABLE DEVICE TYPE X / Value: 5 dec
229
QUERY APP EXT Cmd229
229
QUERY APP EXT Cmd229
Internal switch: OFF
DALI Connection
L1
N
PE
230VAC 50Hz 1/N/PE
A3
RACD60-2500A
A2
RELI-DA01/R
10V PWM or DC 0/1-10V
brown
blue
red
black
blue
white
IP67 version
N
L
AC
AC
A
B
NVAC in
LVAC in
+Vout
-Vout
+Dim
-Dim
DA
DA
+
-
+ black
- white
An
DALI
SUPPLY
+Dim
-Dim
NVAC in
LVAC in
A1
brown
blue
AC/DC LED Driver
DC/DC LED Driver
DALI Master
RACD20-xxxD
RCD24-xxx
custom commands tested with DALI-USB
RACD60-xxxxA
RCD48-xxx
Tridonic Osram (IEC62386 compatibility
RACD45-xxxxA
RBD12-xxx
confirmed by DIAL ag using Prohibit Tester)
RACD100-xxxxA
RACD150-xxxxA
*Software masterCONFIGURATOR V2.6.8.1005 Tridonic
Note:
For one DALI Converter (RELI-DA01/R) up to 6pcs of RECOM AC/DC LED-Drivers with 3in1 dimming can be connected.
Recommended LED Drivers, DALI-Bus Power Supplies and DALI Master
L-74
www.recom-power.com
REV: 0/2015



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com