Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RELI-DA01/R Datasheet(PDF) 4 Page - Recom International Power

Part # RELI-DA01/R
Description  1.6 Watt DALIConverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RELI-DA01/R Datasheet(HTML) 4 Page - Recom International Power

  RELI-DA01/R Datasheet HTML 1Page - Recom International Power RELI-DA01/R Datasheet HTML 2Page - Recom International Power RELI-DA01/R Datasheet HTML 3Page - Recom International Power RELI-DA01/R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RELI-DA01/R
Series
LIGHTLINE
AC/DC-Converter
Package Style
Indicator LED
flashes with
DALI signal
ON / OFF
PWM / DC
By internal switch
ON: PWM 10V (Default active high)
OFF: DC 1-10V (Default DC)
DC 0-10V (software control)
Delivery setting:
Output signal:
DC 1-10V
Dimming curve: Logarithmic PWM active high
Refer to instruction sheet for DALI commands for alternate settings (linear dimming curve, DC 0-10V, PWM active low, Independent Relay control)
40
130
150
4
28
tc
65
Dimensions
www.recom-power.com
L-75
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com