Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0603C103K1RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C103K1RACAUTO
Description  Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C103K1RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C103K1RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - f20561e3-8548-4045-b4e5-161601d7f52a
KEMET Part Number: C0603C103K1RACAUTO
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Dimensions
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.07mm
S
0.7mm MIN
B
0.35mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-(CxxxxC-AUTO)
Chip Size: 0603
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.01 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Dielectric Withstanding
Voltage: 250 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603C103K1RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C103K1RAC KEMET-C0603C103K1RAC Datasheet
39Kb / 2P
CERAMIC CHIP/STANDARD
C0603C103K1RAC3190 KEMET-C0603C103K1RAC3190 Datasheet
261Kb / 1P
SMD Auto X7R, Ceramic, 0.01 uF, 10%, 100 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0603
5/14/2023
logo
Texas Instruments
C0603C103K1RACTU TI-C0603C103K1RACTU Datasheet
2Mb / 29P
The following sections describe the function of individual circuits.
logo
Kemet Corporation
C0603C103K1RACTU KEMET-C0603C103K1RACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.01 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C0603C103K1RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C103K2RACAUTO KEMET-C0805C103K2RACAUTO Datasheet
66Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 200 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C103K5RACAUTO KEMET-C0603C103K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C223K1RACAUTO KEMET-C0603C223K1RACAUTO_17 Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.022 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C103M5RACAUTO KEMET-C0603C103M5RACAUTO_17 Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 20%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C103K5RACAUTO KEMET-C0805C103K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K3RACAUTO KEMET-C0402C103K3RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 25 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C103K8RACAUTO KEMET-C0402C103K8RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C473K1RACAUTO KEMET-C0603C473K1RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.047 uF, 10%, 100 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C103K1RACAUTO KEMET-C0805C103K1RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C103K5RACAUTO KEMET-C1206C103K5RACAUTO Datasheet
72Kb / 1P
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com